Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050T-E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2050T-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2050T-E/P Datasheet HTML 10Page - Microchip Technology MCP2050T-E/P Datasheet HTML 11Page - Microchip Technology MCP2050T-E/P Datasheet HTML 12Page - Microchip Technology MCP2050T-E/P Datasheet HTML 13Page - Microchip Technology MCP2050T-E/P Datasheet HTML 14Page - Microchip Technology MCP2050T-E/P Datasheet HTML 15Page - Microchip Technology MCP2050T-E/P Datasheet HTML 16Page - Microchip Technology MCP2050T-E/P Datasheet HTML 17Page - Microchip Technology MCP2050T-E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MCP2050
DS20002299C-page 14
 2012-2014 Microchip Technology Inc.
FIGURE 1-10:
VOLTAGE REGULATOR OUTPUT ON OVER CURRENT SITUATION
1.6
Optional External Protection
1.6.1
REVERSE BATTERY PROTECTION
An external reverse-battery-blocking diode should be
used to provide polarity protection (see Figure 1-12).
1.6.2
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
An external 43V transient suppressor (TVS) diode,
between VBB and ground, with a transient protection
resistor (RTP) in series with the battery supply and the
VBB pin protects the device from power transients and
ESD events greater than 43V (see Figure 1-12). The
maximum value for the RTP protection resistor depends
on two parameters: the minimum voltage the part will
start at, and the impacts of this RTP resistor on the VBB
value, thus on the Bus recessive level and slopes.
This leads to a set of three equations to fulfill.
Equation 1-2 provides a max RTP value according to
the minimum battery voltage the user wants the part to
start at.
Equation 1-3 provides a max RTP value according to
the maximum error on the recessive level thus VBB
since the part uses VBB as the reference value for the
recessive level.
Equation 1-4 provides a max RTP value according to
the maximum relative variation the user can accept on
the slope when IREG varies.
Since both Equation 1-2 and Equation 1-3 must be
fulfilled, the maximum allowed value for RTP is thus the
smaller of the two values found when solving
Equation 1-2 and Equation 1-3.
Usually Equation 1-2 gives the higher constraint
(smaller value) for RTP as shown in the following
example where VBATmin is 8V.
However, the user needs to check that the value found
with Equation 1-2 also fulfills Equation 1-3 and
Equation 1-4.
While this protection is optional, it should be
considered as good engineering practice.
Note 1:
IREG less than lLIM, regulator on.
2:
After IREG exceeds lLIM, the voltage regulator output will be reduced until VSD is reached.
VSD
0
(1)
(2)
t
0
t
lLIM
IREG
mA
VREG
V
VREG-NOM
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com