Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA129UA/2K5 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA129UA/2K5
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA129UA/2K5 Datasheet HTML 12Page - Texas Instruments INA129UA/2K5 Datasheet HTML 13Page - Texas Instruments INA129UA/2K5 Datasheet HTML 14Page - Texas Instruments INA129UA/2K5 Datasheet HTML 15Page - Texas Instruments INA129UA/2K5 Datasheet HTML 16Page - Texas Instruments INA129UA/2K5 Datasheet HTML 17Page - Texas Instruments INA129UA/2K5 Datasheet HTML 18Page - Texas Instruments INA129UA/2K5 Datasheet HTML 19Page - Texas Instruments INA129UA/2K5 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
300Ω
+5V
R
G
INA128
V
O
Ref
2.5V − ∆V
2.5V + ∆V
G = 1
5V/div
G = 10
5 s/div
m
5V/div
G =1000
20 s/div
m
G =100
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
G = 1, 10
G = 100, 1000
Figure 29. Large Signal
Figure 30. Large Signal
9 Power Supply Recommendations
The minimum power supply voltage for INA12x is ±2.25 V and the maximum power supply voltage is ±18 V. This
minimum and maximum range covers a wide range of power supplies; but for optimum performance, ±15 V is
recommended. TI recommends adding a bypass capacitor at the input to compensate for the layout and power
supply source impedance.
9.1 Low Voltage Operation
The INA12x can be operated on power supplies as low as ±2.25 V. Performance remains excellent with power
supplies ranging from ±2.25 V to ±18 V. Most parameters vary only slightly throughout this supply voltage
range—see Typical Characteristics.
Operation at very low supply voltage requires careful attention to assure that the input voltages remain within
their linear range. Voltage swing requirements of internal nodes limit the input common-mode range with low
power supply voltage. Figure 6 shows the range of linear operation for ±15-V, ±5-V, and ±2.5-V supplies.
Figure 31. Bridge Amplifier
16
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com