Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA129UA/2K5 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA129UA/2K5
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA129UA/2K5 Datasheet HTML 13Page - Texas Instruments INA129UA/2K5 Datasheet HTML 14Page - Texas Instruments INA129UA/2K5 Datasheet HTML 15Page - Texas Instruments INA129UA/2K5 Datasheet HTML 16Page - Texas Instruments INA129UA/2K5 Datasheet HTML 17Page - Texas Instruments INA129UA/2K5 Datasheet HTML 18Page - Texas Instruments INA129UA/2K5 Datasheet HTML 19Page - Texas Instruments INA129UA/2K5 Datasheet HTML 20Page - Texas Instruments INA129UA/2K5 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
REF102
R
2
R
1
Pt100
Cu
Cu
V+
K
6
10.0V
4
2
INA128
V
O
Ref
R
R3
G
100Ω = Pt100 at 0°C
SEEBECK
ISA
COEFFICIENT
TYPE
MATERIAL
(
V/
µ
C)
R1, R2
E
+ Chromel
58.5
66.5kΩ
− Constantan
J
+ Iron
50.2
76.8kΩ
− Constantan
K
+ Chromel
39.4
97.6kΩ
− Alumel
T
+ Copper
38.0
102kΩ
− Constantan
INA128
R
G
V
O
OPA130
Ref
R
1
1MΩ
=
1
2πR C
1
1
= 1.59Hz
V
IN
+
f−3dB
C1
0.1µF
−
INA128, INA129
www.ti.com
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
Low Voltage Operation (continued)
Figure 32. AC-Coupled Instrumentation Amplifier
Figure 33. Thermocouple Amplifier with RTD Cold-Junction Compensation
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com