Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA129UA/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA129UA/2K5
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA129UA/2K5 Datasheet HTML 7Page - Texas Instruments INA129UA/2K5 Datasheet HTML 8Page - Texas Instruments INA129UA/2K5 Datasheet HTML 9Page - Texas Instruments INA129UA/2K5 Datasheet HTML 10Page - Texas Instruments INA129UA/2K5 Datasheet HTML 11Page - Texas Instruments INA129UA/2K5 Datasheet HTML 12Page - Texas Instruments INA129UA/2K5 Datasheet HTML 13Page - Texas Instruments INA129UA/2K5 Datasheet HTML 14Page - Texas Instruments INA129UA/2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
A
1
A
2
A
3
40 kW
40 kW
40 kW
40 kW
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V-
Ref
V
O
G = 1 +
49.4 kW
R
G
+
4
7
INA128, INA129
Over-Voltage
Protection
Over-Voltage
Protection
-
25 kW
(1)
25 kW
(1)
NOTE: (1) INA129: 24.7 kW
G = 1 +
50 kW
R
G
INA128:
INA129:
INA128, INA129
www.ti.com
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The INA12x instrumentation amplifier is a type of differential amplifier that has been outfitted with input protection
circuit and input buffer amplifiers, which eliminate the need for input impedance matching and make the amplifier
particularly suitable for use in measurement and test equipment. Additional characteristics of the INA128 include
a very low DC offset, low drift, low noise, very high open-loop gain, very high common-mode rejection ratio, and
very high input impedances. The INA12x is used where great accuracy and stability of the circuit both short and
long term are required.
7.2 Functional Block Diagram
7.3 Feature Description
The INA12x devices are low power, general-purpose instrumentation amplifiers offering excellent accuracy. The
versatile three-operational-amplifier design and small size make the amplifiers ideal for a wide range of
applications. Current-feedback input circuitry provides wide bandwidth, even at high gain. A single external
resistor sets any gain from 1 to 10,000. The INA128 is laser trimmed for very low offset voltage (25
μV typical)
and high common-mode rejection (93 dB at G
≥ 100). These devices operate with power supplies as low as
±2.25 V, and quiescent current of 2 mA, typically. The internal input protection can withstand up to ±40 V without
damage.
7.4 Device Functional Modes
7.4.1 Noise Performance
The INA12x provides very low noise in most applications. Low-frequency noise is approximately 0.2 µVPP
measured from 0.1 to 10 Hz (G
≥ 100). This provides dramatically improved noise when compared to state-of-
the-art chopper-stabilized amplifiers.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com