Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA129UA/2K5 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA129UA/2K5
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA129UA/2K5 Datasheet HTML 8Page - Texas Instruments INA129UA/2K5 Datasheet HTML 9Page - Texas Instruments INA129UA/2K5 Datasheet HTML 10Page - Texas Instruments INA129UA/2K5 Datasheet HTML 11Page - Texas Instruments INA129UA/2K5 Datasheet HTML 12Page - Texas Instruments INA129UA/2K5 Datasheet HTML 13Page - Texas Instruments INA129UA/2K5 Datasheet HTML 14Page - Texas Instruments INA129UA/2K5 Datasheet HTML 15Page - Texas Instruments INA129UA/2K5 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
1s/div
0.1 V/div
m
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
www.ti.com
Device Functional Modes (continued)
G
≥ 100
Figure 23. 0.1-Hz to 10-Hz Input-Referred Voltage Noise
7.4.2 Input Common-Mode Range
The linear input voltage range of the input circuitry of the INA12x is from approximately 1.4 V below the positive
supply voltage to 1.7 V above the negative supply. As a differential input voltage causes the output voltage
increase, however, the linear input range is limited by the output voltage swing of amplifiers A1 and A2. Thus the
linear common-mode input range is related to the output voltage of the complete amplifier. This behavior also
depends on supply voltage (see performance curve Figure 6).
Input-overload can produce an output voltage that appears normal. For example, if an input overload condition
drives both input amplifiers to their positive output swing limit, the difference voltage measured by the output
amplifier will be near zero. The output of A3 will be near 0 V even though both inputs are overloaded.
12
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com