Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906AT-I/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3906AT-I/SS
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906AT-I/SS Datasheet(HTML) 3 Page - Microchip Technology

  MCP3906AT-I/SS Datasheet HTML 1Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 2Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 3Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 4Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 5Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 6Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 7Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 8Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
© 2006-2011 Microchip Technology Inc.
DS22011B-page 3
MCP3905A/05L/06A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD...................................................................................7.0V
Digital inputs and outputs w.r.t. AGND........ -0.6V to VDD +0.6V
Analog input w.r.t. AGND..................................... ....-6V to +6V
VREF input w.r.t. AGND ............................... -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) ................. 5.0 kV, 500V
ESD on all other pins (HBM,MM) ........................ 5.0 kV, 500V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operation listings of this specification is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V – 5.5V,
Internal VREF, HPF turned on (AC mode), AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ
Max
Units
Comment
Overall Measurement Accuracy
Energy Measurement Error
E
0.1
% FOUT Channel 0 swings 1:500 range,
MCP3905A, MCP3905L only
(Note 1, Note 4)
0.1
% FOUT Channel 0 swings 1:1000 range,
MCP3906A only (Note 1, Note 4)
No-Load Threshold/
Minimum Load
NLT
0.0015
% FOUT
Max
Disabled when F2, F1, F0 = 0, 1, 1
(Note 5, Note 6)
Phase Delay Between
Channels
1/MCLK
s
HPF = 0 and 1, < 1 MCLK
(Note 4, Note 6, Note 7)
AC Power Supply Rejection
(output frequency variation)
AC PSRR
0.01
% FOUT F2, F1, F0 = 0, 1, 1 (Note 3)
DC Power Supply Rejection
(output frequency
variation)
DC PSRR
0.01
% FOUT HPF = 1, Gain = 1 (Note 3)
System Gain Error
3
10
% FOUT (Note 2, Note 5)
ADC/PGA Specifications
Offset Error
VOS
2
5
mV
Referred to Input
Gain Error Match
0.5
% FOUT (Note 5)
Internal Voltage Reference
Voltage
2.4
V
Tolerance
±2
%
Tempco
15
ppm/°C
Note 1:
Measurement error = (Energy Measured By Device - True Energy)/True Energy * 100%. Accuracy is
measured with signal (±660 mV) on Channel 1. FOUT0, FOUT1 pulse outputs. Valid from 45 Hz to 65 Hz.
See typical performance curves for higher frequencies and increased dynamic range.
2:
Does not include internal VREF. Gain = 1, CH0 = 470 mVDC, CH1 = 660 mVDC, difference between
measured output frequency and expected transfer function.
3:
Percent of HFOUT output frequency variation; Includes external VREF = 2.5V, CH1 = 100 mVRMS @
50 Hz, CH2 = 100 mVRMS @ 50 Hz, AVDD = 5V + 1Vpp @ 100 Hz. DC PSRR: 5V ±500 mV
4:
Error applies down to 60 degree lead (PF = 0.5 capacitive) and 60 degree lag (PF = 0.5 inductive).
5:
Refer to Section 4.0 “Device Overview” for complete description.
6:
Specified by characterization, not production tested.
7:
1 MCLK period at 3.58 MHz is equivalent to less than <0.005 degrees at 50 or 60 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com