Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906AT-I/SS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3906AT-I/SS
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906AT-I/SS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3906AT-I/SS Datasheet HTML 10Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 11Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 12Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 13Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 14Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 15Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 16Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 17Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP3905A/05L/06A
DS22011B-page 14
© 2006-2011 Microchip Technology Inc.
3.5
Voltage Channel (CH1-,CH1+)
CH1- and CH1+ are the fully differential analog voltage
input channels for voltage measurement. The linear
and specified region of these channels have a
maximum differential voltage of ±660 mV and a
maximum absolute voltage of ±1V, with respect to
AGND. Up to ±6V can be applied to these pins without
the risk of permanent damage.
Refer to Section 1.0 “Electrical Characteristics”.
3.6
Master Clear (MCLR)
MCLR controls the reset for both delta-sigma ADCs, all
digital registers, the SINC filters for each channel and
all accumulators post multiplier. A logic ‘0’ resets all
registers and holds both ADCs in a Reset condition.
The charge stored in both ADCs is flushed and their
output is maintained to 0x0000h. The only block
consuming power on the digital power supply during
Reset is the oscillator circuit.
3.7
Reference (REFIN/OUT)
REFIN/OUT is the output for the internal 2.4V
reference. This reference has a typical temperature
coefficient of 15 ppm/°C and a tolerance of ±2%. In
addition, an external reference can also be used by
applying voltage to this pin within the specified range.
This pin requires appropriate bypass capacitors to
AGND, even when using the internal reference only.
Refer to Section 5.0 “Applications Information”.
3.8
Analog Ground (AGND)
AGND is the ground connection to internal analog
circuitry (ADCs, PGA, band gap reference, POR). To
ensure accuracy and noise cancellation, this pin must
be connected to the same ground as DGND, preferably
with a star connection. If an analog ground plane is
available, it is recommended that this device be tied to
this plane of the PCB. This plane should also reference
all other analog circuitry in the system.
3.9
Frequency Control Logic Pins
(F2, F1, F0)
F2, F1 and F0 select the high-frequency output and
low-frequency output pin ranges by changing the
value of the constants FC and HFC used in the device
transfer function. FC and HFC are the frequency
constants that define the period of the output pulses
for the device.
3.10
Gain Control Logic Pins (G1, G0)
G1 and G0 select the PGA gain on Channel 0 from
three different values: 1, 8 and 16.
3.11
Oscillator (OSC1, OSC2)
OSC1 and OSC2 provide the master clock for the
device. A resonant crystal or clock source with a similar
sinusoidal waveform must be placed across these pins
to ensure proper operation. The typical clock frequency
specified
is
3.579545 MHz.
However,
the
clock
frequency can be with the range of 1 MHz to 4 MHz
without disturbing measurement error. Appropriate
load capacitance should be connected to these pins for
proper operation.
A full-swing, single-ended clock source may be
connected to OSC1 with proper resistors in series to
ensure no ringing of the clock source due to fast
transient edges.
3.12
Negative Power Output Logic Pin
(NEG)
NEG detects the phase difference between the two
channels and will go to a logic ‘1’ state when the phase
difference is greater than 90° (i.e., when the measured
real power is negative). The output state is synchro-
nous with the rising-edge of HFOUT and maintains the
logic ‘1’ until the real power becomes positive again
and HFOUT shows a pulse.
3.13
Ground Connection (DGND)
DGND is the ground connection to internal digital
circuitry (SINC filters, multiplier, HPF, LPF, digital-to-
frequency
converter
and
oscillator).
To
ensure
accuracy and noise cancellation, DGND must be
connected to the same ground as AGND, preferably
with a star connection. If a digital ground plane is
available, it is recommended that this device be tied to
this plane of the Printed Circuit Board (PCB). This
plane should also reference all other digital circuitry in
the system.
3.14
High-Frequency Output (HFOUT)
HFOUT is the high-frequency output of the device and
supplies the instantaneous real-power information. The
output is a periodic pulse output, with its period
proportional to the measured real power, and to the
HFC constant defined by F0, F1 and F2 pin logic states.
This output is the preferred output for calibration due to
faster output frequencies, giving smaller calibration
times. Since this output gives instantaneous real
power, the 2
ω ripple on the output should be noted.
However, the average period will show minimal drift.
3.15
Frequency Output (FOUT0, FOUT1)
FOUT0 and FOUT1 are the frequency outputs of the
device that supply the average real-power information.
The outputs are periodic pulse outputs, with its period
proportional to the measured real power, and to the Fc
constant, defined by F0 and F1 pin logic states. These
pins include high-output drive capability for direct use
of electromechanical counters and 2-phase stepper
motors. Since this output supplies average real power,
any 2
ω ripple on the output pulse period is minimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com