Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906AT-I/SS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3906AT-I/SS
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906AT-I/SS Datasheet(HTML) 1 Page - Microchip Technology

  MCP3906AT-I/SS Datasheet HTML 1Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 2Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 3Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 4Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 5Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 6Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 7Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 8Page - Microchip Technology MCP3906AT-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2006-2011 Microchip Technology Inc.
DS22011B-page 1
MCP3905A/05L/06A
Features
• Supplies active (real) power measurement for
single-phase, residential energy metering
• Supports IEC 62053 International Energy
Metering Specification and legacy IEC
1036/61036/687 Specifications
• Two multi-bit, DAC, second-order, 16-bit, Delta-
Sigma Analog-to-Digital Converters (ADCs)
• Reduced pulse-width of calibration output
frequency and mechanical counter drive for low
power meter designs (MCP3905L)
• Increased output frequency constant options for
meter design (MCP3905L)
• 0.1% typical measurement error over 500:1
dynamic range (MCP3905A / MCP3905L)
• 0.1% typical measurement error over 1000:1
dynamic range (MCP3906A)
• Programmable Gain Amplifier (PGA) for small
signal inputs supports low value shunt current
sensor:
- 16:1 PGA - MCP3905A / MCP3905L
- 32:1 PGA - MCP3906A
• Ultra-low drift on-chip reference:
15 ppm/°C (typical)
• Direct drive for electromagnetic mechanical
counter and two-phase stepper motors
•Low IDD of 4 mA (typical)
• Tamper output pin for negative power indication
• Industrial Temperature Range: -40°C to +85°C
• Extended Temperature Range: -40°C to +125°C
• Supplies instantaneous real power on HFOUT for
meter calibration
Description
The MCP3905A/05L/06A devices are energy-metering
ICs designed to support the IEC 62053 international
metering
standard
specification.
They
supply
a
frequency output proportional to the average active real
power,
as
well
as
a
higher-frequency
output
proportional to the instantaneous power for meter
calibration. The MCP3905L offers reduced pulse width
of calibration output frequency and mechanical counter
drive for lower power meter designs. They include two
16-bit, Delta-Sigma ADCs for a wide range of IB and
IMAX currents and/or small shunt (<200 µOhms) meter
designs. It includes an ultra-low drift voltage reference
with < 15 ppm/°C through a specially designed band
gap temperature curve for the minimum gradient
across the industrial temperature range. A fixed-
function DSP block is on-chip for active real-power
calculation. A no-load threshold block prevents any
current creep measurements. A Power-On Reset
(POR) block restricts meter performance during low-
voltage situations. These accurate energy metering ICs
with high field reliability are available in the industry
standard pinout.
Package Type
Functional Block Diagram
FOUT0
DGND
NEG
1
2
3
4
24
23
22
21
20
19
18
17
5
6
7
8
FOUT1
NC
OSC2
OSC1
DVDD
HPF
AVDD
NC
CH0+
CH0-
CH1-
CH1+
HFOUT
16
9
G0
MCLR
15
14
10
11
G1
F0
REFIN/OUT
AGND
13
12
F1
F2
24-Pin SSOP
16-bit
ΔΣ ADC
MCLR
+
–
CH0+
CH0-
Reference
2.4V
+
–
CH1+
CH1-
HPF1
LPF1
E-to-F
conversion
REFIN/
FOUT1
HFOUT
G0 G1
F2
F1
FOUT0
OSC1 OSC2
OUT
NEG
HPF
F0
Multi-level
16-bit
ΔΣ ADC
Multi-level
X
HPF1
PGA
POR
Energy Metering ICs with Active Real Power Pulse Output


Similar Part No. - MCP3906AT-I/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3906AT-I/SS MICROCHIP-MCP3906AT-I/SS Datasheet
919Kb / 26P
Energy Metering ICs with Active Real Power Pulse Output
2006
More results

Similar Description - MCP3906AT-I/SS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Microchip Technology
MCP3906 MICROCHIP-MCP3906 Datasheet
383Kb / 26P
Energy-Metering ICs with Active (Real) Power Pulse Output
2005
MCP3905 MICROCHIP-MCP3905_07 Datasheet
363Kb / 26P
Energy-Metering ICs with Active (Real) Power Pulse Output
2007
MCP3905A MICROCHIP-MCP3905A Datasheet
919Kb / 26P
Energy Metering ICs with Active Real Power Pulse Output
2006
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Microchip Technology
MCP3905 MICROCHIP-MCP3905_09 Datasheet
403Kb / 30P
Energy-Metering ICs with Active (Real) Power Pulse Output
2009
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
logo
Analog Devices
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_12 Datasheet
806Kb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com