Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP39F511 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 3Page - Microchip Technology MCP39F511 Datasheet HTML 4Page - Microchip Technology MCP39F511 Datasheet HTML 5Page - Microchip Technology MCP39F511 Datasheet HTML 6Page - Microchip Technology MCP39F511 Datasheet HTML 7Page - Microchip Technology MCP39F511 Datasheet HTML 8Page - Microchip Technology MCP39F511 Datasheet HTML 9Page - Microchip Technology MCP39F511 Datasheet HTML 10Page - Microchip Technology MCP39F511 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 7
MCP39F511
Power Specifications
Operating Voltage
AVDD, DVDD
2.7
3.6
V
DVDD Start Voltage
to Ensure Internal
Power-On Reset Signal
VPOR
DGND
—0.7
V
DVDD Rise Rate to
Ensure Internal
Power-On Reset Signal
SDVDD
0.05
V/ms
0 – 3.3V in 0.1s, 0 – 2.5V
in 60 ms
AVDD Start Voltage to
Ensure Internal
Power-On Reset Signal
VPOR
AGND
—2.1
V
AVDD Rise Rate to
Ensure Internal Power On
Reset Signal
SAVDD
0.042
V/ms
0 – 2.4V in 50 ms
Operating Current
IDD
—13
mA
Data EEPROM Memory
Cell Endurance
EPS
100,000
E/W
Self-Timed
Write Cycle Time
TIWD
—4
ms
Number of Total
Write/Erase Cycles
Before Refresh
RREF
10,000,000
—E/W
Characteristic Retention
TRETDD
40
years
Provided no other
specifications are violated
Supply Current during
Programming
IDDPD
—7
mA
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to +3.6V, TA = -40°C to +125°C,
MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation interval of 4
line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or TCAL =80 ms for
50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
VIN =1VPP = 353 mVRMS @ 50/60 Hz.
7:
Variation applies to internal clock and UART only. All calculated output quantities are temperature compensated to the
performance listed in the respective specification.
8:
Lower baud rates selectable only on system versions 0xFA14 and later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com