Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP39F511 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 4Page - Microchip Technology MCP39F511 Datasheet HTML 5Page - Microchip Technology MCP39F511 Datasheet HTML 6Page - Microchip Technology MCP39F511 Datasheet HTML 7Page - Microchip Technology MCP39F511 Datasheet HTML 8Page - Microchip Technology MCP39F511 Datasheet HTML 9Page - Microchip Technology MCP39F511 Datasheet HTML 10Page - Microchip Technology MCP39F511 Datasheet HTML 11Page - Microchip Technology MCP39F511 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
MCP39F511
DS20005393B-page 8
 2015 Microchip Technology Inc.
TABLE 1-2:
SERIAL DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to+ 3.6V,
TA = -40°C to +125°C, MCLK = 4 MHz
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
High-Level Input Voltage
VIH
0.8 DVDD
—DVDD
V
Low-Level Input Voltage
VIL
0—
0.2 DVDD
V
High-Level Output Voltage
VOH
3—
V
IOH =-3.0mA, VDD =3.6V
Low-Level Output Voltage
VOL
——
0.4
V
IOL = 4.0 mA, VDD =3.6V
Input Leakage Current
ILI
——
1
µA
0.050
0.100
Digital Output pins only
(ZCD, PWM, EVENT1,
EVENT2)
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to +3.6V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 28LD 5x5 QFN
JA
—36.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com