Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3919A1-E/SS Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3919A1-E/SS
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919A1-E/SS Datasheet(HTML) 2 Page - Microchip Technology

  MCP3919A1-E/SS Datasheet HTML 1Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 2Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 3Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 4Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 5Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 6Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 7Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 8Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
MCP3919
DS20005347A-page 2
 2014 Microchip Technology Inc.
Package Type
Functional Block Diagram
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AVDD
CH0+
CH0-
NC
NC
NC
NC
NC
REFIN+/OUT
CH1-
CH1+
CH2+
CH2-
NC
DVDD
RESET/OSR0
SDI/OSR1
DGND
NC
DR/GAIN1
DGND
AGND
REFIN-
SDO
SCK/MCLK
CS/BOOST
OSC2/MODE
OSC1/CLKI/GAIN0
MCP3919
SSOP
2
26
3
4
5
6
10 11 12 13 14
18
17
16
15
28 27
25
CH1-
SDI/OSR1
SDO
EP
29
7
CH1+
CH2+
19
20
24
SCK/MCLK
23
CS/BOOST
OSC2/MODE
CH2-
22
OSC1/CLKI/GAIN0
1
8
9
NC
DGND
21
NC
NC
MCP3919
5x5 mm QFN*
AMCLK
DMCLK/DRCLK
REFIN+/OUT
REFIN-
POR
AVDD
Monitoring
Vref+
Vref-
VREFEXT
Voltage
Reference
Vref
+
-
Xtal Oscillator
MCLK
OSC1/CLK1/GAIN0
OSC2/MODE
Digital SPI
Interface
Clock
Generation
DMCLK
OSR<2:0>
PRE<1:0>
ANALOG
DIGITAL
SDO
SDI/OSR1
SCK/MCLR
DR/GAIN1
RESET/OSR0
CS/BOOST
AGND
DGND
AVDD
DVDD
CH0+
CH0-
-
+
PGA
OSR/2-
PHASE1 <11:0>
MOD<3:0>
Modulator
+
OFFCAL_CH0
<23:0>
GAINCAL_CH0
<23:0>
X
DATA_CH0<23:0>
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH1+
CH1-
-
+
PGA
OSR/2
MOD<7:4>
Modulator
+
OFFCAL_CH1
<23:0>
GAINCAL_CH1
<23:0>
X
DATA_CH1<23:0>
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH2+
CH2-
-
+
PGA
OSR/2-
PHASE1 <23:12>
MOD<11:8>
Modulator
OFFCAL_CH2
<23:0>
GAINCAL_CH2
<23:0>
X
DATA_CH2<23:0>
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
POR
DVDD
Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com