Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3919A1-E/SS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3919A1-E/SS
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919A1-E/SS Datasheet(HTML) 1 Page - Microchip Technology

  MCP3919A1-E/SS Datasheet HTML 1Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 2Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 3Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 4Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 5Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 6Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 7Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 8Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 1
MCP3919
Features:
• Three Synchronous Sampling 24-bit Resolution
Delta-Sigma A/D Converters
• 93.5 dB SINAD, -107 dBc Total Harmonic
Distortion (THD) (up to 35th Harmonic), 112 dBFS
SFDR for Each Channel
• Enables 0.1% Typical Active Power Measurement
Error over a 10,000:1 Dynamic Range
• Advanced Security Features:
- 16-bit Cyclic Redundancy Check (CRC)
Checksum on All Communications for Secure
Data Transfers
- 16-bit CRC Checksum and Interrupt Alert for
Register Map Configuration
- Register Map Lock with 8-bit Secure Key
• 2.7V-3.6V AVDD, DVDD
• Programmable Data Rate up to 125 ksps:
- 4 MHz Maximum Sampling Frequency
- 16 MHz Maximum Master Clock
• Oversampling Ratio up to 4096
• Ultra-Low Power Shutdown Mode with < 10 µA
• -122 dB Crosstalk between Channels
• Low Drift 1.2V Internal Voltage Reference:
9 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain PGA on Each Channel (up to 32 V/V)
• Phase Delay Compensation with 1 µs Time
Resolution
• Separate Data Ready Pin for Easy
Synchronization
• Individual 24-bit Digital Offset and Gain Error
Correction for Each Channel
• High-Speed 20 MHz SPI Interface with Mode 0,0
and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication Time with Dedicated 16/32-bit
Modes
• Available in a 28-lead 5 x 5 mm QFN and 28-lead
SSOP Packages
• Extended Temperature Range: -40°C to +125°C
Description:
The MCP3919 is a 3V three-channel Analog Front End
(AFE) containing three synchronous sampling delta-
sigma Analog-to-Digital Converters (ADC), three
PGAs, phase delay compensation block, low-drift
internal voltage reference, digital offset and gain error
calibration
registers
and
high-speed
20 MHz
SPI-compatible serial interface.
The MCP3919 ADCs are fully configurable with
features such as: 16/24-bit resolution, Oversampling
Ratio (OSR) from 32 to 4096, gain from 1x to 32x,
independent Shutdown and Reset, dithering and auto-
zeroing. The communication is largely simplified with 8-
bit commands including various continuous read/write
modes and 16/24/32-bit data formats that can be
accessed by the Direct Memory Access (DMA) of an
8/16- or 32-bit MCU and with the separate data ready
pin that can directly be connected to an Interrupt
Request (IRQ) input of an MCU.
The MCP3919 includes advanced security features to
secure the communications and the configuration
settings such as a CRC-16 checksum on both serial
data outputs and static register map configuration. It
also includes a register-map lock through an 8-bit
secure key to stop unwanted write commands from
processing.
The MCP3919 is capable of interfacing with a variety of
voltage and current sensors, including shunts, current
transformers, Rogowski coils and Hall-effect sensors.
Applications:
• Polyphase Energy Meters
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition
3V Three-Channel Analog Front End


Similar Part No. - MCP3919A1-E/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3919B MICROCHIP-MCP3919B Datasheet
6Mb / 81P
3V Three-Channel Analog Front End
Revision A
More results

Similar Description - MCP3919A1-E/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
Three-Channel Analog Front-End Device
2005-2013
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
08/24/05
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3918 MICROCHIP-MCP3918 Datasheet
6Mb / 88P
3V Single-Channel Analog Front End
03/25/14
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
3V Eight-Channel Analog Front End
11/29/12
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com