Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3919A1-E/SS Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP3919A1-E/SS
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919A1-E/SS Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP3919A1-E/SS Datasheet HTML 78Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 79Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 80Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 81Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 82Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 83Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 84Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 85Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
MCP3919
DS20005347A-page 82
 2014 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
28-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5x0.9 mm Body
Dimension Limits
Units
C1
Optional Center Pad Width
Contact Pad Spacing
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
C2
T2
W2
3.35
3.35
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.90
4.90
Contact Pad Length (X28)
Contact Pad Width (X28)
Y1
X1
0.85
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing No. C04-2140A
NOM
C1
C2
Y2
X2
Y1
G1
E
G1
0.35
Contact Pad Length (X28)
SILK SCREEN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
X1
[QFN or VQFN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com