Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3919A1-E/SS Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP3919A1-E/SS
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919A1-E/SS Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP3919A1-E/SS Datasheet HTML 80Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 81Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 82Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 83Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 84Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 85Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 86Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 87Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 85
MCP3919
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3919:
Three-Channel Analog Front-End Converter
Address Options:
XX
A6
A5
A0
=
0
0
A1*
=
0
1
A2
=
1
0
A3
=
1
1
* Default option. Contact Microchip factory for other address
options.
Tape and Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature Range:
E
= -40°C to +125°C
Package:
MQ = Plastic Quad Flat, No Lead package (QFN)
SS = Plastic Shrink Small Outline, 5.30 mm body
(SSOP)
Examples:
a)
MCP3919A1-E/SS:
Address Option A1,
Extended temperature,
28LD SSOP package
b)
MCP3919A1T-E/SS: Address Option A1,
Tape and Reel,
Extended temperature,
28LD SSOP package
c)
MCP3919A1-E/MQ:
Address Option A1,
Extended temperature,
28LD QFN package
d)
MCP3919A1T-E/MQ: Address Option A1,
Tape and Reel,
Extended temperature,
28LD QFN package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.
PART NO.
X
Temperature
Range
Device
/XX
Package
XX
Address
Option
[X](1)
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com