Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774J9B1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST72774J9B1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774J9B1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST72774J9B1 Datasheet HTML 67Page - STMicroelectronics ST72774J9B1 Datasheet HTML 68Page - STMicroelectronics ST72774J9B1 Datasheet HTML 69Page - STMicroelectronics ST72774J9B1 Datasheet HTML 70Page - STMicroelectronics ST72774J9B1 Datasheet HTML 71Page - STMicroelectronics ST72774J9B1 Datasheet HTML 72Page - STMicroelectronics ST72774J9B1 Datasheet HTML 73Page - STMicroelectronics ST72774J9B1 Datasheet HTML 74Page - STMicroelectronics ST72774J9B1 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
ST72774/ST727754/ST72734
71/144
SYNC PROCESSOR (SYNC) (Cont’d)
LATCH REGISTER (LATR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = CSYN
Detection of pulses on CSYNCI
Set on falling edge of CSYNCI
Cleared by software (by writing zero).
Bit 6 = HSYN
Detection of pulses on HSYNCI
Set on falling edge of HSYNCI1 or HSYNCI2
Cleared by software (by writing zero).
Bit 5 = VSYN
Detection of pulses on VSYNCI
Set on falling edge of VSYNCI1 or VSYNCI2
Cleared by software (by writing zero).
Bit 4 = HFLY
Detection of pulses on HFBACK
Set on falling edge of HFBACK input
Cleared by software (by writing zero).
Bit 3 = VFLY
Detection of pulses on VFBACK
Set on falling edge of VFBACK input
Cleared by software (by writing zero).
Bit 2 = UPLAT
Detection of the maximum value of
5-bit up/down counter.
Set when the 5 bit up/down counter reaches its
maximum value (1Fh or Threshold)
Cleared by software (by writing zero).
Bit 1 = DWNLAT
Detection of minimum value of 5-
bit up/down counter.
Set when the 5 bit up/down counter reaches its
minimum value (00 or Threshold)
Cleared by software (by writing zero).
Note: DWNLAT and UPLAT may be used for HSYNCI po-
larity detection and Composite Sync detection as
follows:
Bit 0 = 2FHLAT
equalization pulses latch.
This bit may be used to detect pre/
postequalization pulses or a too high horizontal
frequency.
Set by hardware when Pre/Post equalization
pulses are detected.
Must be reset by software.
It is valid when the sync generator and Horizontal
analyzer are disabled (HVGEN = 0, HACQ = 0)
70
CSYN HSYN VSYN HFLY VFLY UPLAT DWNLAT 2FHLAT
UPLAT
DWNLAT
HSYNCI Characteristics
0
0
No Info
0
1
Positive Polarity
1
0
Negative Polarity
1
1
Composite Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com