Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774J9B1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST72774J9B1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774J9B1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST72774J9B1 Datasheet HTML 52Page - STMicroelectronics ST72774J9B1 Datasheet HTML 53Page - STMicroelectronics ST72774J9B1 Datasheet HTML 54Page - STMicroelectronics ST72774J9B1 Datasheet HTML 55Page - STMicroelectronics ST72774J9B1 Datasheet HTML 56Page - STMicroelectronics ST72774J9B1 Datasheet HTML 57Page - STMicroelectronics ST72774J9B1 Datasheet HTML 58Page - STMicroelectronics ST72774J9B1 Datasheet HTML 59Page - STMicroelectronics ST72774J9B1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 144 page
background image
ST72774/ST727754/ST72734
56/144
4.4 SYNC PROCESSOR (SYNC)
4.4.1 Introduction
The Sync processor handles all the management
tasks of the video synchronization signals, and is
used with the timer and software to provide
information and status on the video standard and
timings.
This
block
supports
multiple
video
standards such as: Separate Sync, Composite
Sync and (via an external extractor) Sync on
Green. The internal clock in the Sync processor is
4 MHz.
4.4.2 Main Features
s
Input Processing
– Presence of incoming signals (edge detection)
– Read the HSYNCI / VSYNCI input signal levels
– Measure the signal periods
– Detect the sync polarities
– Detect the composite sync and extract VSYNCO
s
Output Processing
– Control the sync output polarities
– Generate free-running frequencies
– Generate a video blanking signal
– Generate a clamping signal or a Moire signal
s
Analyzer Mode
– Measure the number of scan lines per frame to
simplify OSD vertical centering
– Detect HSYNCI reaching too high a frequency
– Detect pre/post equalization pulses
– Measure the low level of HSYNCO or HFBACK
s
Corrector Mode
– Inhibit Pre/Post equalization pulses
– Program VSYNCO pulse width extension
– Extend VSYNCO pulse widths during:
post-equalization pulse detection only
pre and post-equalization pulse detection
Note: Some external pins are not available on all devices.
Refer to the device pinout description.
Figure 37. Sync Processor Block Diagram
Sync Generator
Sync Analyzer
Sync Corrector
Hardware Block
VSYNC Generator
40 - 200 Hz
Typical Pulse Width
20 - 256 µs
HSYNC Generator
15 - 200 kHz
Duty cycle range
3 - 40 %
Latch
00
match
Latch
1F
match
LCV0
Sync
&
Edge
Detect
Capture
Register
LD
V Sync O
Polarity
V Sync
Correction
Polarity
Detector
Pull-Up Resistor (if existing)
VSYNCI1
VSYNCO
1
0
HSYNCI2
CLAMPOUT
HSYNCO
ICAP1 TIMER
HVGEN
CSYNCI
CLPINV
1
0
LCV1
Vsync*
LCV1
SCI0
ICAP2 TIMER
VSYNCI
HSYNCI / CSYNCI
PSCD
HVGEN
1
0
SYNOP
SYNOP
H Sync O
Polarity
H Sync O
Correction
H-Inhibit
ON/OFF
Back Porch
Clamp
Generator
Clamp
Polarity
Latch
Pulse Detect
Prescaler
V
S
Y
N
C
O
5-Bit Counter
EN
Up / Down
CLK
fINT
Control
Logic
VR02071C
CLMPEN
0
1
VFBACK
1
0
FBSEL
FBSEL
00
Other
BP1, BP0
HFBACK
VFBACK
Latch
Pulse Detect
Latch
Pulse Detect
VSYNCI2
1
0
HVSEL
1
0
HVSEL
HSYNCI1
(Positive polarity)
HFBACK
Blanking
Generator
BLANKOUT
BLKEN
(see note)
Note: CLK is fINT/2 in fast mode (see note in Clock System section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com