Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774J9B1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST72774J9B1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774J9B1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST72774J9B1 Datasheet HTML 53Page - STMicroelectronics ST72774J9B1 Datasheet HTML 54Page - STMicroelectronics ST72774J9B1 Datasheet HTML 55Page - STMicroelectronics ST72774J9B1 Datasheet HTML 56Page - STMicroelectronics ST72774J9B1 Datasheet HTML 57Page - STMicroelectronics ST72774J9B1 Datasheet HTML 58Page - STMicroelectronics ST72774J9B1 Datasheet HTML 59Page - STMicroelectronics ST72774J9B1 Datasheet HTML 60Page - STMicroelectronics ST72774J9B1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
ST72774/ST727754/ST72734
57/144
SYNC PROCESSOR (SYNC) (Cont’d)
4.4.3 Input Signals
The Sync Processor has the following inputs (TTL
level):
– VSYNCI1 Vertical Sync input1
– HSYNCI1 Horizontal Sync input1 or Composite
sync
– VSYNCI2 Vertical Sync input2
– HSYNCI2 Horizontal Sync input2 or Composite
sync
Note: The above input pairs can be used for DSUB or
BNC connectors. To select these inputs use the
HVSEL bit in the POLR register.
– CSYNCI Sync on Green (external extractor)
Note: If the CSYNCI pin is needed for another I/O func-
tion, the composite sync signal can be connected to
HSYNCI using the SCI0 bit in the MCR register.
– HFBACK Horizontal Flyback input
– VFBACK Vertical Flyback input
4.4.4 Input Signal Waveforms
– The input signals must contain only synchroniza-
tion pulses. In case of serration pulses on CSYN-
CI/HSYNCI, the pulse width should be less than
8µs.
– The VSYNCI signal is internally connected to
Timer Input Capture 1 (ICAP1).
– The HSYNCI or CSYNCI signal, prescaled by
256, is internally connected to Timer Input Cap-
ture 2 (ICAP2).
– Typical timing range: See Figure 38 and 39
– If the timer clock is 2 MHz (external oscillator fre-
quency 24 MHz):
PV accuracy = +/- 1 Timer clock (500ns)
PH*256 accuracy = +/- 1 Timer clock (500ns)
(PV= Vertical pulse, PH = Horizontal pulse)
4.4.5 Output Signals
The Sync Processor has the following outputs:
HSYNCO Horizontal Sync Output
Enable: SYNOP bit in ENR register
Programmable polarity:
HS0/HS1 bits in MCR register
In case of composite sync signal, the signal can be
blanked by software during the vertical period
(HINH bit in ENR register).
In case of separate sync, no blanking is generated.
VSYNCO Vertical Sync Output
Enable: SYNOP bit in ENR register
Programmable polarity:
VOP bit in the MCR register
In case of composite sync the delay of the
extracted Vsync signal is:
minimum: 500ns + HSYNCO pulse width
maximum: 8750ns (max. threshold in ex-
traction mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com