Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774J9B1 Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST72774J9B1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774J9B1 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST72774J9B1 Datasheet HTML 93Page - STMicroelectronics ST72774J9B1 Datasheet HTML 94Page - STMicroelectronics ST72774J9B1 Datasheet HTML 95Page - STMicroelectronics ST72774J9B1 Datasheet HTML 96Page - STMicroelectronics ST72774J9B1 Datasheet HTML 97Page - STMicroelectronics ST72774J9B1 Datasheet HTML 98Page - STMicroelectronics ST72774J9B1 Datasheet HTML 99Page - STMicroelectronics ST72774J9B1 Datasheet HTML 100Page - STMicroelectronics ST72774J9B1 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 144 page
background image
ST72774/ST727754/ST72734
97/144
DDC INTERFACE (Cont’d)
4.8.3 Signal Description
Serial Data (SDA)
The SDA bidirectional pin is used to transfer data
in and out of the device. It is an open-drain output
that may be or-wired with other open-drain or
open-collector pins. An external pull-up resistor
must be connected to the SDA line. Its value
depends on the load of the line and the transfer
rate.
Serial Clock (SCL)
The SCL input pin is used to synchronize all data in
and out of the device when in I2C bidirectional
mode. An external pull-up resistor must be
connected to the SCL line. Its value depends on
the load of the line and the transfer rate.
Note:When the DDC1/2B and DDC/CI-Factory Interfaces
are disabled (HWPE bit=0 in the DCR register and
PE bit=0 in the CR register), SDA and SCL pins re-
vert to standard I/O pins.
Transmit-only Clock (Vsync/Vsync2)
The Vsync input pins are used to synchronize all
data in and out of the device when in Transmit-only
mode.
These pins are ONLY used by the DDC1/2B
interface (when in DDC1 mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com