Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2CCI/ML Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP73871-2CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2CCI/ML Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP73871-2CCI/ML Datasheet HTML 21Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 26Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 27Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 28Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 25
MCP73871
5.0
DETAILED DESCRIPTION
5.1
Analog Circuitry
5.1.1
LOAD SHARING AND LI-ION
BATTERY MANAGEMENT INPUT
SUPPLY (VIN)
The VIN input is the input supply to the MCP73871
device. The MCP73871 device can be supplied by
either AC Adapter (VAC) or USB Port (VUSB) with SEL
pin. The MCP73871 device automatically powers the
system with the Li-Ion battery when the VIN input is not
present.
5.1.2
FAST CHARGE CURRENT
REGULATION SET (PROG1)
For the MCP73871 device, the charge current
regulation can be scaled by placing a programming
resistor (RPROG1) from the PROG1 pin to VSS. The
program resistor and the charge current are calculated
using the following equation:
EQUATION 5-1:
The fast charge current is set for maximum charge
current from AC-DC adapter and USB port. The
preconditioning current is 10% (0.1C) of the fast charge
current.
5.1.3
BATTERY CHARGE CONTROL
OUTPUT (VBAT)
The battery charge control output is the drain terminal
of an internal P-channel MOSFET. The MCP73871
device provides constant current and voltage
regulation to the battery pack by controlling this
MOSFET in the linear region. The battery charge
control output should be connected to the positive
terminal of the battery pack.
5.1.4
TEMPERATURE QUALIFICATION
(THERM)
The MCP73871 device continuously monitors battery
temperature during a charge cycle by measuring the
voltage between the THERM and VSS pins. An internal
50 μA current source provides the bias for most
common 10 k
 NTC or Positive Temperature Coeffi-
cient (PTC) thermistors.The current source is con-
trolled,
avoiding
measurement
sensitivity
to
fluctuations in the supply voltage (VDD). The
MCP73871 device compares the voltage at the
THERM pin to factory set thresholds of 1.24V and
0.25V, typically. Once a voltage outside the thresholds
is detected during a charge cycle, the MCP73871
device immediately suspends the charge cycle.
The MCP73871 device suspends charge by turning off
the pass transistor and holding the timer value. The
charge cycle resumes when the voltage at the THERM
pin returns to the normal range.
If temperature monitoring is not required, place a
standard 10 k
 resistor from THERM to VSS.
5.2
Digital Circuitry
5.2.1
STATUS INDICATORS AND
POWER-GOOD (PG)
The charge status outputs have two different states:
Low-Impedance (L) and High-Impedance (Hi-Z). The
charge status outputs can be used to illuminate LEDs.
Optionally, the charge status outputs can be used as an
interface
to
a
host
microcontroller.
Table 5-1
summarizes the state of the status outputs during a
charge cycle.
TABLE 5-1:
STATUS OUTPUTS
I REG
1000V
RPROG1
--------------------
=
Where:
RPROG
=
kilo-ohms (k

IREG
=
milliampere (mA)
CHARGE CYCLE STATE
STAT1
STAT2
PG
Shutdown (VDD = VBAT)
Hi-Z
Hi-Z
Hi-Z
Shutdown (VDD = IN)
Hi-Z
Hi-Z
L
Shutdown (CE = L)
Hi-Z
Hi-Z
L
Preconditioning
L
Hi-Z
L
Constant Current
L
Hi-Z
L
Constant Voltage
L
Hi-Z
L
Charge Complete - Standby
Hi-Z
L
L
Temperature Fault
L
L
L
Timer Fault
L
L
L
Low Battery Output
L
Hi-Z
Hi-Z
No Battery Present
Hi-Z
Hi-Z
L
No Input Power Present
Hi-Z
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com