Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2CCI/ML Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73871-2CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2CCI/ML Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73871-2CCI/ML Datasheet HTML 7Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 8Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 9Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 10Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 11Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 12Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 13Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 14Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 11
MCP73871
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = [VREG(typical) + 1V], IOUT = 10 mA and TA = +25°C, Constant Voltage mode.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-3:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-4:
Charge Current (IOUT) vs.
Battery Regulation Voltage (VBAT).
FIGURE 2-5:
Output Leakage Current
(IDISCHARGE) vs. Ambient Temperature (TA).
FIGURE 2-6:
Output Leakage Current
(IDISCHARGE) vs. Battery Regulation Voltage
(VBAT).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com