Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX14827 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14827
Description  Integrated LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14827 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14827 Datasheet HTML 3Page - Maxim Integrated Products MAX14827 Datasheet HTML 4Page - Maxim Integrated Products MAX14827 Datasheet HTML 5Page - Maxim Integrated Products MAX14827 Datasheet HTML 6Page - Maxim Integrated Products MAX14827 Datasheet HTML 7Page - Maxim Integrated Products MAX14827 Datasheet HTML 8Page - Maxim Integrated Products MAX14827 Datasheet HTML 9Page - Maxim Integrated Products MAX14827 Datasheet HTML 10Page - Maxim Integrated Products MAX14827 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
(V24 = 9V to 60V, V5 = 4.5V to 5.5V, VL = 2.5V to 5.5V, VGND = 0V; REG unconnected, all logic inputs at VL or GND; TA = -40°C to
+125°C, unless otherwise noted. Typical values are at V24 = 24V, V5 = 5V, VL = 3.3V, and TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DI Input Current
IIN_DI
DI receiver
enabled, V24 =
24V
-5V ≤ VDI ≤ (V24
+ 5V)
-10
+35
µA
(V24 - 65V) ≤ VDI
+60V
-40
+200
LOGIC INPUTS (CS/PP, TXEN, TX, LO, LED1IN, CLK/TXEN/200MA, SPI/PIN, SDI/TX/NPN)
Logic Input Voltage Low
VIL
0.2 x VL
V
Logic Input Voltage High
VIH
0.8 x VL
V
Logic Input Leakage Current
ILEAK
Logic input = GND or VL
-1
+1
µA
LOGIC OUTPUTS (RX, LI, WU, IRQ/OC, SDO/RX/THSH)
Logic Output Voltage Low
VOL
IOUT = -5mA
0.4
V
Logic Output Voltage High
VOH
IOUT = 5mA
V5 - 0.4
V
IRQ/OC Open-Drain Leakage
Current
ILK_OD
IRQ/OC high impedance,
IRQ/OC = GND or VL
-1
+1
μA
SDO Leakage Current
ILK_SDO
SPI/PIN = high, CS/PP = high, SDO/RX/
THSH = GND or VL
-1
+1
µA
RX, LI Leakage Current
ILK_RXLI
SPI/PIN = high, DI_Dis = 1,
RX_Dis = 1, RX/LI = GND or VL
-1
+1
µA
LED DRIVERS (LED1, LED2)
LED Output Voltage Low
VLEDOL
IOUT = -5mA
0.4
V
LED Output Voltage High
VLEDOH
IOUT = 10mA
V5 – 0.4
V
THERMAL MANAGEMENT
Thermal Warning Threshold
TWRN
Die junction temperature rising,
TempW and TempWInt bits are set
+140
°C
Thermal Warning Threshold
Hysteresis
TWRN_HYS
Die junction temperature falling,
TempW bit cleared
15
°C
Per-Driver Thermal Shutdown
Temperature
TSHUT_D
Driver temperature rising, temperature at
which the driver is turned off
+160
°C
Per-Driver Thermal Shutdown
Temperature Hysteresis
TSHUT_DHYS Driver temperature falling
15
°C
IC Thermal Shutdown
TSHUT_IC
Die temperature rising, ThShut and
ThuShutInt bits are set
+170
°C
IC Thermal-Shutdown
Hysteresis
TSHUT_ICHYS
Die temperature falling, ThShut bit is
cleared
15
°C
MAX14827
IO-Link Device Transceiver
www.maximintegrated.com
Maxim Integrated │ 7
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com