Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX14827 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14827
Description  Integrated LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14827 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14827 Datasheet HTML 2Page - Maxim Integrated Products MAX14827 Datasheet HTML 3Page - Maxim Integrated Products MAX14827 Datasheet HTML 4Page - Maxim Integrated Products MAX14827 Datasheet HTML 5Page - Maxim Integrated Products MAX14827 Datasheet HTML 6Page - Maxim Integrated Products MAX14827 Datasheet HTML 7Page - Maxim Integrated Products MAX14827 Datasheet HTML 8Page - Maxim Integrated Products MAX14827 Datasheet HTML 9Page - Maxim Integrated Products MAX14827 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
(V24 = 9V to 60V, V5 = 4.5V to 5.5V, VL = 2.5V to 5.5V, VGND = 0V; REG unconnected, all logic inputs at VL or GND; TA = -40°C to
+125°C, unless otherwise noted. Typical values are at V24 = 24V, V5 = 5V, VL = 3.3V, and TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Weak Pulldown Current
IPD
SPI/PIN = high,
driver disabled
(CQ_Dis = 1, DO_
Dis =1)
VDRIVER = 5V,
CQ_WPD = 1,
DO_WPD = 1,
CQ_WPU = 0,
DO_WPU = 0
200
300
400
μA
VDRIVER = 24V,
CQ_WPD = 1,
DO_WPD = 1,
CQ_WPU = 0,
DO_WPU = 0
200
470
1000
Weak Pullup Current
IPU
SPI/PIN = high, driver
disabled (CQ_Dis = 1,
DO_Dis = 1),
VDRIVER = V24 - 5V
CQ_WPU = 1,
DO_WPU = 1,
CQ_WPD = 0,
DO_WPD = 0,
-400
-300
-200
μA
C/Q, DI RECEIVER
Input Voltage Range
VIN
For valid RX/LI logic
V24 – 65
+65
V
C/Q, DI Input Threshold High
VTH
C/Q driver disabled
V24 > 18V
11
11.8
12.5
V
V24 < 18V
59
65.5
72
% of
V24
C/Q, DI Input Threshold Low
VTL
C/Q driver disabled
V24 > 18V
9
9.8
10.5
V
V24 < 18V
45
54.5
63
% of
V24
C/Q, DI Input Hysteresis
VHYS_CQ
C/Q driver disabled
V24 > 18V
2
V
V24 < 18V
11
% of
V24
C/Q Input Capacitance
CIN_CQ
Driver disabled, weak pull-up and pull-
down disabled, f = 100kHz
50
pF
DI Input Capacitance
CIN_DI
f = 100kHz
10
pF
C/Q Input Current
IIN_CQ
C/Q driver disabled
(CQ_Dis = 1), C/Q
receiver enabled,
V24 = 24V
-5V ≤ VC/Q ≤ (V24
+ 5V)
-10
+30
µA
(V24 - 65V)≤ VC/Q
≤ +60V
-70
+70
DI Leakage Current
ILEAK_DI
DI receiver disabled (DI_Dis = 1), V24 =
24V, (V24 - 65V) ≤ VDI ≤ +60V
-40
+150
µA
MAX14827
IO-Link Device Transceiver
www.maximintegrated.com
Maxim Integrated │ 6
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com