Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX14827 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14827
Description  Integrated LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14827 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14827 Datasheet HTML 4Page - Maxim Integrated Products MAX14827 Datasheet HTML 5Page - Maxim Integrated Products MAX14827 Datasheet HTML 6Page - Maxim Integrated Products MAX14827 Datasheet HTML 7Page - Maxim Integrated Products MAX14827 Datasheet HTML 8Page - Maxim Integrated Products MAX14827 Datasheet HTML 9Page - Maxim Integrated Products MAX14827 Datasheet HTML 10Page - Maxim Integrated Products MAX14827 Datasheet HTML 11Page - Maxim Integrated Products MAX14827 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
(V24 = 18V to 30V, V5 = 4.5V to 5.5V, VL = 2.5V to 5.5V, VGND = 0V; REG unconnected, all logic inputs at VL or GND; TA = -40°C
to +125°C, unless otherwise noted. Typical values are at V24 = 24V, V5 = 5V, VL = 3.3V, and TA = +25°C, unless otherwise noted.)
(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
C/Q, DO DRIVER
Driver Low-to-High Propagation
Delay
tPDLH_PP Push-pull and PNP configuration, Figure1
0.16
0.4
μs
Driver High-to-Low Propagation
Delay
tPDHL_PP Push-pull and NPN configuration, Figure1
0.28
0.4
μs
Driver Skew
tSKEW
Push-pull configuration, Figure 1
| tPDLH - tPDHL |
-0.3
+0.3
μs
Driver Rise Time
tRISE
Push-pull and PNP configuration, Figure 1
0.12
0.4
μs
Driver Fall Time
tFALL
Push-pull and NPN configuration, Figure 1
0.12
0.4
µs
Driver Enable Time High
tENH
Push-pull and PNP configuration,
CQDOPar = 1 for DO, Figure 2
0.15
0.4
µs
Driver Enable Time Low
tENL
Push-pull and NPN configuration,
CQDOPar = 1 for DO, Figure 3
0.27
0.4
µs
Driver Disable Time High
tDISH
Push-pull and PNP configuration,
CQDOPar = 1 for DO, Figure 2
1.8
3
µs
Driver Disable Time Low
tDISL
Push-pull and NPN configuration,
CQDOPar = 1 for DO, Figure 3
1.5
3
µs
C/Q, DI RECEIVER (Figure 4)
C/Q Receiver Low-to-High
Propagation Delay
tPRLH_CQ
SPI/PIN = high or low, CQFil = 0
0.85
1.3
2.1
µs
SPI/PIN = high, CQFil = 1
0.2
0.3
0.5
C/Q Receiver High-to-Low
Propagation Delay
tPRHL_CQ
SPI/PIN = high or low, CQFil = 0
0.85
1.3
2.1
µs
SPI/PIN = high, CQFil = 1
0.2
0.3
0.5
DI Receiver Low-to-High
Propagation Delay
tPRLH_DI
1.3
2.2
3.5
µs
DI Receiver High-to-Low
Propagation Delay
tPRHL_DI
1.3
2.2
3.5
µs
DRIVER CURRENT LIMITING
Blanking Time
tCL_ARBL
SPI/PIN = high
CL_BL[10] = 00
0.128
ms
CL_BL[10] = 01
0.5
CL_BL[10] = 10
1
CL_BL[10] = 11
5
SPI/PIN = low
0.128
MAX14827
IO-Link Device Transceiver
www.maximintegrated.com
Maxim Integrated │ 8
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com