Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX14827 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14827
Description  Integrated LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14827 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14827 Datasheet HTML 1Page - Maxim Integrated Products MAX14827 Datasheet HTML 2Page - Maxim Integrated Products MAX14827 Datasheet HTML 3Page - Maxim Integrated Products MAX14827 Datasheet HTML 4Page - Maxim Integrated Products MAX14827 Datasheet HTML 5Page - Maxim Integrated Products MAX14827 Datasheet HTML 6Page - Maxim Integrated Products MAX14827 Datasheet HTML 7Page - Maxim Integrated Products MAX14827 Datasheet HTML 8Page - Maxim Integrated Products MAX14827 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
(All voltages referenced to GND, unless otherwise noted.)
V24 .........................................................................-70V to +65V
REG..............................................................-0.3V to (V5 + 16V)
V5, VL......................................................................-0.3V to +6V
V33 ..............................................................-0.3V to (V5 + 0.3V)
C/Q, DO, DI.................. MIN: Larger of -70V and (V24 - 70V) to
MAX: the lower of +70V and (V24 + 70V)
Logic Inputs:
CS/PP, TXEN, TX, LED1IN, LI,
UARTSEL, CLK/TXEN/200MA, SPI/PIN,
SDI/TX/NPN ..............................................-0.3V to (VL + 0.3V)
Logic Outputs:
RX, LI, LO WU, SDO/RX/THSH................-0.3V to (VL + 0.3V)
IRQ/OC..................................................................-0.3V to +6V
LED1, LED2 ..................................................-0.3V to (V5+0.3V)
Continuous Current Into GND and V24 ................................±1A
Continuous Current Into C/Q and DO ............................±500mA
Continuous Current Into V5 and REG............................±100mA
Continuous Current Into Any Other Pin............................±50mA
Continuous Power Dissipation
TQFN (derate 27.8mW/°C above +70°C)..................2222mW
WLP (derate 22.7mW/°C above +70°C) ....................1816mW
Operating Temperature Range......................... -40°C to +125°C
Maximum Junction Temperature ......................Internally Limited
Storage Temperature Range............................ -65°C to +150°C
Soldering Temperature (reflow, TQFN and WLP) ...........+260°C
TQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........36°C/W
Junction-to-Case Thermal Resistance (θJC).................3°C/W
WLP
Junction-to-Ambient Thermal Resistance (θJA) ..........44°C/W
(Note 1)
(V24 = 9V to 60V, V5 = 4.5V to 5.5V, VL = 2.5V to 5.5V, VGND = 0V; REG unconnected, all logic inputs at VL or GND; TA = -40°C to
+125°C, unless otherwise noted. Typical values are at V24 = 24V, V5 = 5V, VL = 3.3V, and TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V24 Supply Voltage
V24
9
60
V
V24 Undervoltage-Lockout
Threshold
V24UVLO
V24 rising
6
7.8
9
V
V24 falling
6
7.2
9
V24 Undervoltage-Lockout-
Threshold Hysteresis
V24UVLO_HYST
570
mV
V24 Supply Current
I24
V5 powered
externally, REG is
unconnected
C/Q and DO
disabled (CQ_Dis =
1, DO_Dis = 1)
0.14
0.5
mA
C/Q and DO
in push-pull
configuration,
CL[10] = 11, C/Q
and DO high, no
load on C/Q or DO
1.1
1.75
C/Q and DO
in push-pull
configuration,
CL[10] = 11, C/Q
and DO low, no load
on C/Q or DO
1.4
1.8
MAX14827
IO-Link Device Transceiver
www.maximintegrated.com
Maxim Integrated │ 3
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com