Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7.2ABWNA6.3 Datasheet(PDF) 52 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA6.3
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 Datasheet(HTML) 52 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA6.3 Datasheet HTML 48Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 49Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 50Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 51Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 52Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 53Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 54Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 55Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 56Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
52
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
15.5kV peak let-through curves for 15.5CAVH_
15.5CAVH_
0.5A (CAVH)
2A (CAVH)
1A (CAVH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com