Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7.2ABWNA6.3 Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA6.3
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA6.3 Datasheet HTML 6Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 7Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 8Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 9Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 10Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 11Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 12Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 13Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 14Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
10
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
5.5kV maximum system voltage
Amp rating
Dimensions - in (mm)
Catalog No. (Interrupting rating - kA)
Recommended fuseclip
Length A
Diameter B Clip centers C
Indicating
Non-indicating
0.5 5.6 (142)
0.8 (20) 4.8 (122)
—
5.5AMWNA0.5E (50)
1A1837
0.5 5.6 (142)
1 (25) 4.4 (112)
—
5.5ABWNA0.5E (50)
A3354705
0.5 7.4 (188)
1.6 (41) 6.2 (157)
5.5CAVH0.5E (63)
JCW-1/2E (40)
1A0835
0.5 9.5 (241)
1.6 (41) 8.1 (206)
5CLPT-.5E (80)†
5NCLPT-.5E-A (63)
1 5.6 (142)
1 (25) 4.4 (112)
—
5.5ABWNA1E (50)
A3354705
1 5.6 (142)
0.8 (20) 4.8 (122)
—
5.5AMWNA1.0E (50)
1A1837
1 7.4 (188)
1.6 (41) 6.2 (157)
5.5CAVH1E (63)
JCW-1E (40)
1A0835
1 9.5 (241)
1.6 (41) 8.1 (206)
5CLPT-1E (80)†
5NCLPT-1E-A (63)
1.5 9.5 (241)
1.6 (41) 8.1 (206)
5CLPT-1.5E (80)†
—
1A0835
2 5.6 (142)
1 (25) 4.4 (112)
—
5.5ABWNA2E (50)
A3354705
2 5.6 (142)
0.8 (20) 4.8 (122)
—
5.5AMWNA2.0E (50)
1A1837
2 7.4 (188)
1.6 (41) 6.2 (157)
5.5CAVH2E (63)
JCW-2E (40)
1A0835
3 5.6 (142)
1 (25) 4.4 (112)
—
5.5ABWNA3E (50)
A3354705
3 5.6 (142)
0.8 (20) 4.8 (122)
—
5.5AMWNA3.0E (50)
1A1837
3 9.5 (241)
1.6 (41) 8.1 (206)
5CLPT-3E (80)
—
1A0835
3 7.4 (188)
1.6 (41) 6.2 (157)
JCW-3E (40)
1A0835
4 5.6 (142)
0.8 (20) 4.8 (122)
—
5.5AMWNA4.0E (50)
1A1837
4 7.3 (185)
1.6 (41) 5.9 (150)
—
JCW-4E (40)
1A0835
5 9.5 (241)
1.6 (41) 8.1 (206)
5CLPT-5E (80)
—
1A0835
5 5.6 (142)
1 (25) 4.4 (112)
—
5.5ABWNA5E (50)
A3354705
5 5.6 (142)
0.8 (20) 4.8 (122)
—
5.5AMWNA5.0E (50)
1A1837
5 7.3 (185)
1.6 (41) 5.9 (150)
—
JCW-5E (40)
1A0835
10 9.5 (241)
1.6 (41) 8.1 (206)
5CLPT-10E (80)
—
1A0835
15 7.4 (188)
1.6 (41) 6.2 (157)
—
5.5CAV15E (63)
† Does not comply with ANSI C37.46 for “E” rating.
CLPT Type mountings and hardware 5.5kV maximum (4.8kV nominal)*
Amp rating
Fuse mounting
type**
BIL
(kV)
Catalog number
Mounting (including live parts, end fittings)***
Live parts (including
end fittings)***
End fittings
(disconnect only)
Porcelain insulator
Glass-polyester insulator
CLPT and NCLPT-A Mounting
0.5–10
Non-disconnect
60
5CLPT-PNM-A
5CLPT-GNM-A
CLPT-NL
—
Disconnect†
60
5CLPT-PDM-A
5CLPT-GDM-A
CLPT-DL
CLPT-DF
* Refers to 5CLPT and 5NCLPT-A fuses only.
** See page 70 for dimensions and diagrams of typical mounting.
*** End fittings supplied only when required.
†
Disconnect mountings provide a means for fuse extraction only. Do not use a disconnect mounting for load switching or fuse removal while energized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com