Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7.2ABWNA6.3 Datasheet(PDF) 43 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA6.3
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 Datasheet(HTML) 43 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA6.3 Datasheet HTML 39Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 40Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 41Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 42Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 43Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 44Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 45Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 46Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 47Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
43
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
15.5kV maximum system voltage
Amp rating
Dimensions - in (mm)
Catalog No. (Interrupting rating - kA)
Recommended fuseclip
Length A
Diameter B Clip centers C
Indicating
Non-indicating
0.5
12.9 (328)
1.6 (41)
11.5 (292)
15.5CAVH0.5E (80)
15NCLPT-.5E-A (63)
1A0835
1
12.9 (328)
1.6 (41)
11.5 (292)
15.5CAVH1E (80)
15NCLPT-1E-A (63)
2
12.9 (328)
1.6 (41)
11.5 (292)
15.5CAVH2E (80)
15NCLPT-2E-A (63)
3
12.9 (328)
1.6 (41)
11.5 (292)
—
15.5CAV3E (80)
3
17.6 (447)
1.6 (41)
16.1 (409)
—
15NCLPT-3E-B (63)
3
17.6 (447)
1.6 (41)
16.1 (409)
15CLPT-3E-B (63)
—
5
12.9 (328)
1.6 (41)
11.5 (292)
—
15.5CAV5E (80)
5
17.6 (447)
1.6 (41)
16.1 (409)
15CLPT-5E-B (80)
15NCLPT-5E-B (63)
7
12.9 (328)
1.6 (41)
11.5 (292)
—
15.5CAV7E (80)
10
17.6 (447)
1.6 (41)
16.1 (409)
15CLPT-10E-B (50)
15NCLPT-10E-B (63)
CLPT Type mountings and hardware 15.5kV maximum (14.4kV nominal)
Amp rating
Fuse mounting
type*
BIL
(kV)
Catalog number
Mounting (Including live parts, end fittings)**
Live parts (including
end fittings)**
End fittings
(disconnect only)
Porcelain insulator
Glass-polyester insulator
0.5–2
Non-
disconnect
95
15CLPT-PNM-A
15CLPT-GNM-A
CLPT-NL
—
Disconnect†
95
15CLPT-PDM-A
15CLPT-GDM-A
CLPT-DL
CLPT-DF
3–10
Non-
disconnect
95
15CLPT-PNM-B
15CLPT-GNM-B
CLPT-NL
CLPT-DF
Disconnect†
95
15CLPT-PDM-B
15CLPT-GDM-B
CLPT-DL
—
*
See page 70 for dimensions and diagrams of typical mounting.
**
End fittings supplied only when required.
†
Disconnect mountings provide a means for fuse extraction only. Do not use a disconnect mounting for load switching or fuse removal while energized.
Dimensions (see catalog number tables for values)
Indicator
A
B
C
Recommended fuseclips:
Description
Cat. No.
Open fuseclip for 1.56 (39.7mm) / 1.6 (40.6mm) dia. fuses
1A0835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com