Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7.2ABWNA6.3 Datasheet(PDF) 34 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA6.3
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 Datasheet(HTML) 34 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA6.3 Datasheet HTML 30Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 31Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 32Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 33Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 34Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 35Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 36Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 37Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 38Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
34
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
8.3kV time-current curves — minimum melting for 8CLPT_
8CLPT-_E
3A
10A
0.5A
5A
0.5 A fuse melt time in the dotted line region may not be
assured due to manufacturing variations. The dotted lines
show nominal operation. Some individual fuses may not
open until current at 10-second mark is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com