Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39100PUR Datasheet HTML 3Page - STMicroelectronics LD39100PUR Datasheet HTML 4Page - STMicroelectronics LD39100PUR Datasheet HTML 5Page - STMicroelectronics LD39100PUR Datasheet HTML 6Page - STMicroelectronics LD39100PUR Datasheet HTML 7Page - STMicroelectronics LD39100PUR Datasheet HTML 8Page - STMicroelectronics LD39100PUR Datasheet HTML 9Page - STMicroelectronics LD39100PUR Datasheet HTML 10Page - STMicroelectronics LD39100PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LD39100
Electrical characteristics
DocID15676 Rev 6
7/27
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IQ
Quiescent current
IOUT = 0 mA
20
µA
IOUT = 0 mA
-40 °C < TJ < 125 °C
50
IOUT = 0 to 1 A
200
IOUT = 0 to 1 A
-40 °C < TJ < 125 °C
300
VIN input current in off mode:
VEN = GND (3)
0.001
1
PG
Power good output
threshold
Rising edge
0.92*
VOUT
V
Falling edge
0.8*
VOUT
Power good output
voltage low
Isink = 6 mA open drain output
0.4
V
ISC
Short-circuit current
RL= 0
1.5
A
VEN
Enable input logic low
VIN = 1.5 V to 5.5 V
-40 °C < TJ< 125 °C
0.4
V
Enable input logic
high
0.9
V
IEN
Enable pin input
current
VEN = VIN
0.1
100
nA
tON
Turn-on time (4)
30
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance
(see Section 5: "Typical
performance characteristics")
1
µF
Notes:
(1)All transient values are guaranteed by design, not tested in production.
(2)Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal
value. This specification does not apply to output voltages below 1.5 V.
(3)PG pin floating.
(4)Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage
just reaching 95% of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com