Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 4 Page - STMicroelectronics

  LD39100PUR Datasheet HTML 1Page - STMicroelectronics LD39100PUR Datasheet HTML 2Page - STMicroelectronics LD39100PUR Datasheet HTML 3Page - STMicroelectronics LD39100PUR Datasheet HTML 4Page - STMicroelectronics LD39100PUR Datasheet HTML 5Page - STMicroelectronics LD39100PUR Datasheet HTML 6Page - STMicroelectronics LD39100PUR Datasheet HTML 7Page - STMicroelectronics LD39100PUR Datasheet HTML 8Page - STMicroelectronics LD39100PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Pin configuration
LD39100
4/27
DocID15676 Rev 6
2
Pin configuration
Figure 3: Pin connection (top view)
Table 1: Pin description
Symbol
Pin
Function
LD39100
(adjustable version)
LD39100
(fixed version)
EN
1
1
Enable pin logic input: low = shutdown,
high = active
GND
2
2
Common ground
PG
3
3
Power Good
VOUT
4
4
Output voltage
ADJ
5
-
Adjust pin
VIN
6
6
LDO input voltage
NC
-
5
Not connected
GND
Exposed pad
Exposed pad has to be connected to GND
LD39100 (fixed version)
EN
GND
PG
VIN
NC
VOUT
EN
GND
PG
VIN
ADJ
VOUT
LD39100 (adjustable version)
1
2
3
4
5
6
1
2
3
4
5
6
GIPD010920151334MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com