Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LD39100PUR Datasheet HTML 16Page - STMicroelectronics LD39100PUR Datasheet HTML 17Page - STMicroelectronics LD39100PUR Datasheet HTML 18Page - STMicroelectronics LD39100PUR Datasheet HTML 19Page - STMicroelectronics LD39100PUR Datasheet HTML 20Page - STMicroelectronics LD39100PUR Datasheet HTML 21Page - STMicroelectronics LD39100PUR Datasheet HTML 22Page - STMicroelectronics LD39100PUR Datasheet HTML 23Page - STMicroelectronics LD39100PUR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Package information
LD39100
20/27
DocID15676 Rev 6
Table 7: DFN6 (3x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1
A1
0
0.02
0.05
A3
0.20
b
0.23
0.45
D
2.90
3
3.10
D2
2.23
2.50
E
2.90
3
3.10
E2
1.50
1.75
e
0.95
L
0.30
0.40
0.50
Figure 36: DFN6 (3x3 mm) recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com