Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 5 Page - STMicroelectronics

  LD39100PUR Datasheet HTML 1Page - STMicroelectronics LD39100PUR Datasheet HTML 2Page - STMicroelectronics LD39100PUR Datasheet HTML 3Page - STMicroelectronics LD39100PUR Datasheet HTML 4Page - STMicroelectronics LD39100PUR Datasheet HTML 5Page - STMicroelectronics LD39100PUR Datasheet HTML 6Page - STMicroelectronics LD39100PUR Datasheet HTML 7Page - STMicroelectronics LD39100PUR Datasheet HTML 8Page - STMicroelectronics LD39100PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LD39100
Maximum ratings
DocID15676 Rev 6
5/27
3
Maximum ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
-0.3 to 7
V
VOUT
DC output voltage
-0.3 to VIN + 0.3
(7 V max.)
V
EN
Enable pin
-0.3 to VIN + 0.3
(7 V max.)
V
PG
Power Good pin
-0.3 to 7
V
ADJ
Adjust pin
4
V
IOUT
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All values
are referred to GND.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
55
°C/W
RthJC
Thermal resistance junction-case
10
°C/W
Table 4: ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
4
kV
MM
0.4
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com