Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AL31E8X Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 69Page - STMicroelectronics STM8AL31E8X Datasheet HTML 70Page - STMicroelectronics STM8AL31E8X Datasheet HTML 71Page - STMicroelectronics STM8AL31E8X Datasheet HTML 72Page - STMicroelectronics STM8AL31E8X Datasheet HTML 73Page - STMicroelectronics STM8AL31E8X Datasheet HTML 74Page - STMicroelectronics STM8AL31E8X Datasheet HTML 75Page - STMicroelectronics STM8AL31E8X Datasheet HTML 76Page - STMicroelectronics STM8AL31E8X Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 133 page
background image
DocID027180 Rev 5
73/133
STM8AL31E8x STM8AL3LE8x
Electrical parameters
119
Figure 13. Typical IDD(RUN) from RAM vs. VDD (HSI clock source), fCPU =16 MHz(1)
1. Typical current consumption measured with code executed from RAM.
1. CPU executing typical data processing
2. The run from RAM consumption is approximated with the linear formula:
IDD(run_from_RAM) = Freq. * 95 µA/MHz + 250 µA
3. Guaranteed by characterization results.
4. Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE consumption
(IDD HSE) must be added. Refer to Table 32.
5. The run from Flash consumption is approximated with the linear formula:
IDD(run_from_Flash) = Freq. * 200 µA/MHz + 330 µA
6. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com