Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AL31E8X Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 47Page - STMicroelectronics STM8AL31E8X Datasheet HTML 48Page - STMicroelectronics STM8AL31E8X Datasheet HTML 49Page - STMicroelectronics STM8AL31E8X Datasheet HTML 50Page - STMicroelectronics STM8AL31E8X Datasheet HTML 51Page - STMicroelectronics STM8AL31E8X Datasheet HTML 52Page - STMicroelectronics STM8AL31E8X Datasheet HTML 53Page - STMicroelectronics STM8AL31E8X Datasheet HTML 54Page - STMicroelectronics STM8AL31E8X Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 133 page
background image
DocID027180 Rev 5
51/133
STM8AL31E8x STM8AL3LE8x
Memory and register map
61
0x00 52D2
TIM1
TIM1_DCR2
TIM1 DMA1 control register 2
0x00
0x00 52D3
TIM1_DMA1R
TIM1 DMA1 address for burst mode
0x00
0x00 52D4
to
0x00 52DF
Reserved area (12 byte)
0x00 52E0
TIM4
TIM4_CR1
TIM4 control register 1
0x00
0x00 52E1
TIM4_CR2
TIM4 control register 2
0x00
0x00 52E2
TIM4_SMCR
TIM4 Slave mode control register
0x00
0x00 52E3
TIM4_DER
TIM4 DMA1 request enable register
0x00
0x00 52E4
TIM4_IER
TIM4 Interrupt enable register
0x00
0x00 52E5
TIM4_SR1
TIM4 status register 1
0x00
0x00 52E6
TIM4_EGR
TIM4 Event generation register
0x00
0x00 52E7
TIM4_CNTR
TIM4 counter
0x00
0x00 52E8
TIM4_PSCR
TIM4 prescaler register
0x00
0x00 52E9
TIM4_ARR
TIM4 Auto-reload register
0x00
0x00 52EA
to
0x00 52FE
Reserved area (21 byte)
0x00 52FF
IRTIM
IR_CR
Infrared control register
0x00
0x00 5300
TIM5
TIM5_CR1
TIM5 control register 1
0x00
0x00 5301
TIM5_CR2
TIM5 control register 2
0x00
0x00 5302
TIM5_SMCR
TIM5 Slave mode control register
0x00
0x00 5303
TIM5_ETR
TIM5 external trigger register
0x00
0x00 5304
TIM5_DER
TIM5 DMA1 request enable register
0x00
0x00 5305
TIM5_IER
TIM5 interrupt enable register
0x00
0x00 5306
TIM5_SR1
TIM5 status register 1
0x00
0x00 5307
TIM5_SR2
TIM5 status register 2
0x00
0x00 5308
TIM5_EGR
TIM5 event generation register
0x00
0x00 5309
TIM5_CCMR1
TIM5 Capture/Compare mode register 1
0x00
0x00 530A
TIM5_CCMR2
TIM5 Capture/Compare mode register 2
0x00
0x00 530B
TIM5_CCER1
TIM5 Capture/Compare enable register 1
0x00
0x00 530C
TIM5_CNTRH
TIM5 counter high
0x00
0x00 530D
TIM5_CNTRL
TIM5 counter low
0x00
0x00 530E
TIM5_PSCR
TIM5 prescaler register
0x00
0x00 530F
TIM5_ARRH
TIM5 Auto-reload register high
0xFF
Table 9. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com