Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AL31E8X Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 27Page - STMicroelectronics STM8AL31E8X Datasheet HTML 28Page - STMicroelectronics STM8AL31E8X Datasheet HTML 29Page - STMicroelectronics STM8AL31E8X Datasheet HTML 30Page - STMicroelectronics STM8AL31E8X Datasheet HTML 31Page - STMicroelectronics STM8AL31E8X Datasheet HTML 32Page - STMicroelectronics STM8AL31E8X Datasheet HTML 33Page - STMicroelectronics STM8AL31E8X Datasheet HTML 34Page - STMicroelectronics STM8AL31E8X Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 133 page
background image
DocID027180 Rev 5
31/133
STM8AL31E8x STM8AL3LE8x
Pin description
61
12 8
8
PA7/LCD_SEG0(3)/
TIM5_CH1
I/O FT(5) X
XX HS X
X Port A7
LCD segment 0 / TIM5
channel 1
39 31 24
PB0(4)/TIM2_CH1/
LCD_SEG10(3)/
ADC1_IN18/
COMP1_INP
I/O FT(5) X
XX HS X
X Port B0
Timer 2 - channel 1 / LCD
segment 10 /
ADC1_IN18/Comparator 1
positive input
40 32 25
PB1/TIM3_CH1/
LCD_SEG11(3)/
ADC1_IN17/
COMP1_INP
I/O FT(5) X
XX HS X
X Port B1
Timer 3 - channel 1 / LCD
segment 11 /
ADC1_IN17/Comparator 1
positive input
41 33 26
PB2/ TIM2_CH2/
LCD_SEG12(3)/
ADC1_IN16/
COMP1_INP
I/O FT(5) X
XX HS X
X Port B2
Timer 2 - channel 2 / LCD
segment 12 /
ADC1_IN16/Comparator 1
positive input
42 34 27
PB3/TIM2_ETR/
LCD_SEG13(3)/
ADC1_IN15/COMP1_INP
I/O FT(5) X
XX HS X
X Port B3
Timer 2 - trigger / LCD
segment 13
/ADC1_IN15/Comparator 1
positive input
43 35
-
PB4(4)/SPI1_NSS/
LCD_SEG14(3)/
ADC1_IN14/COMP1_INP
I/O FT(5) X
XX HS X
X Port B4
SPI1 master/slave select /
LCD segment 14 /
ADC1_IN14/Comparator 1
positive input
--
28
PB4(4)/SPI1_NSS/
LCD_SEG14(3)/
ADC1_IN14/DAC_OUT2/
COMP1_INP
I/O FT(5) X
XX HS X
X Port B4
SPI1 master/slave select /
LCD segment 14 /
ADC1_IN14 /
DAC channel 2
output/Comparator 1
positive input
44 36
-
PB5/SPI1_SCK/
LCD_SEG15(3)/
ADC1_IN13
COMP1_INP
I/O FT(5) X
XX HS X
X Port B5
SPI1 clock / LCD segment
15 /
ADC1_IN13/Comparator 1
positive input
--
29
PB5/SPI1_SCK/
LCD_SEG15(3)/
ADC1_IN13/DAC_OUT2/
COMP1_INP
I/O FT(5) X
XX HS X
X Port B5
[SPI1 clock] / LCD segment
15 / ADC1_IN13 / DAC
channel 2
output/Comparator 1
positive input
Table 5. High-density STM8AL3xE8x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com