Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AL31E8X Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 87Page - STMicroelectronics STM8AL31E8X Datasheet HTML 88Page - STMicroelectronics STM8AL31E8X Datasheet HTML 89Page - STMicroelectronics STM8AL31E8X Datasheet HTML 90Page - STMicroelectronics STM8AL31E8X Datasheet HTML 91Page - STMicroelectronics STM8AL31E8X Datasheet HTML 92Page - STMicroelectronics STM8AL31E8X Datasheet HTML 93Page - STMicroelectronics STM8AL31E8X Datasheet HTML 94Page - STMicroelectronics STM8AL31E8X Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 133 page
background image
DocID027180 Rev 5
91/133
STM8AL31E8x STM8AL3LE8x
Electrical parameters
119
Flash memory
Data memory
Table 37. Flash program memory/data EEPROM memory
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
VDD
Operating voltage
(all modes, read/write/erase)
fSYSCLK = 16 MHz
1.65
-
3.6
V
tprog
Programming time for 1 or 128 byte (block)
erase/write cycles (on programmed byte)
--
6
-
ms
Programming time for 1 to 128 byte (block)
write cycles (on erased byte)
--
3
-
ms
Iprog
Programming/ erasing consumption
TA=+25 °C, VDD = 3.0 V
-
0.7
-
mA
TA=+25 °C, VDD = 1.8 V
-
-
Table 38. Flash program memory
Symbol
Parameter
Conditions
Min.
Max.
Unit
TWE
Temperature for writing and erasing
-
-40
125
°C
NWE
Flash program memory endurance
(erase/write cycles)(1)
TA= 25 °C
1000
-
cycles
tRET
Data retention time
TA= 25 °C
40
-
years
TA= 55 °C
20
-
1. The physical granularity of the memory is 4 byte, so cycling is performed on 4 byte even when a write/erase operation
addresses a single byte.
Table 39. Data memory
Symbol
Parameter
Conditions
Min.
Max.
Unit
TWE
Temperature for writing and erasing
-
-40
125
°C
NWE
Data memory endurance
(erase/write cycles)(1)
TA= 25 °C
300 k
-
cycles
TA= -40 to 125 °C
100 k(2)
-
tRET
Data retention time
TA= 25 °C
40(2) (3)
-
years
TA= 55 °C
20(2) (3)
-
1. The physical granularity of the memory is 4 byte, so cycling is performed on 4 byte even when a write/erase operation
addresses a single byte.
2. More information on the relationship between data retention time and number of write/erase cycles is available in a
separate technical document.
3. Retention time for 256B of data memory after up to 1000 cycles at 125
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com