Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AL31E8X Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 125Page - STMicroelectronics STM8AL31E8X Datasheet HTML 126Page - STMicroelectronics STM8AL31E8X Datasheet HTML 127Page - STMicroelectronics STM8AL31E8X Datasheet HTML 128Page - STMicroelectronics STM8AL31E8X Datasheet HTML 129Page - STMicroelectronics STM8AL31E8X Datasheet HTML 130Page - STMicroelectronics STM8AL31E8X Datasheet HTML 131Page - STMicroelectronics STM8AL31E8X Datasheet HTML 132Page - STMicroelectronics STM8AL31E8X Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 133 page
background image
DocID027180 Rev 5
131/133
STM8AL31E8x STM8AL3LE8x
Ordering information
131
11
Ordering information
For a list of available options (e.g. memory size, package) and orderable part numbers or for
further information on any aspect of this device, please go to www.st.com or contact the
nearest ST sales office.
Table 68. STM8AL31E8x STM8AL3LE8x ordering information scheme
Example:
STM8 AL 31
E
8
8 T
C
Y
Device family
STM8 microcontroller
Product type
AL = automotive low-power(1)
1. Qualified and characterized according to AECQ100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
Device subfamily
31: standard devices
3L: devices with LCD
AES encryption hardware accelerator
E = AES encryption hardware accelerator
Program memory size
8 = 64 Kbytes of Flash memory
Pin count
A = 80 pins
9 = 64 pins
8 = 48 pins
Package
T = LQFP
Temperature range
C = -40 to 125 °C
A = -40 to 85 °C
Packing
Y = tray
X = Tape and reel compliant with EIA 481-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com