Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD1730-V/M2 Datasheet(PDF) 1 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 1 Page - Microchip Technology

  MD1730-V/M2 Datasheet HTML 1Page - Microchip Technology MD1730-V/M2 Datasheet HTML 2Page - Microchip Technology MD1730-V/M2 Datasheet HTML 3Page - Microchip Technology MD1730-V/M2 Datasheet HTML 4Page - Microchip Technology MD1730-V/M2 Datasheet HTML 5Page - Microchip Technology MD1730-V/M2 Datasheet HTML 6Page - Microchip Technology MD1730-V/M2 Datasheet HTML 7Page - Microchip Technology MD1730-V/M2 Datasheet HTML 8Page - Microchip Technology MD1730-V/M2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 1
MD1730
Features
• 8-Channel Ultrasound Continuous Waveform
(CW) Transmitter with Integrated Beamformer
• CW Output ±1V to ±6Vp-p with Low RON
• -160 dbc/Hz Ultra-Low Phase Noise at 1 kHz
Offset and 5 MHz
• 8-Bit Programmable Per-Channel Beamforming
Phase Delay
• 8-Bit Programmable Dividers for CW Frequency
with Input Clock Frequency up to 250 Mhz
• Input Clock Compatible with LVDS/SSTL or
Single-Ended LVCMOS
• LVCMOS 2.5V Logic for the Control I/O pins
• Fast SPI Interface Supports up to 200 MHz
• SPI Interface Supports Daisy Chaining and
Broadcasting Mode
Applications
• Medical Ultrasound Imaging System for
Cardiovascular Application
• Ultrasound Fetal Heart Monitoring Device
• Ultrasound Flow Meter
• Programmable Array Pattern Generator
General Description
The MD1730 is an 8-channel ultra-low phase noise CW
transmitter with integrated beamformer. It is designed
for medical ultrasound imaging systems requiring
high-performance CW Doppler mode. The MD1730
has a dedicated signal path designed to minimize
phase noise to the output. In addition, it has a
high-speed
SPI
interface
that
enables
CW
beamforming features. The outputs of the MD1730 can
swing up to ±6V and each output has a separate
programmable
phase
delay.
Additionally,
by
programming the internal frequency divider register,
the MD1730 can output different CW frequencies from
a single clock source. For instance, when the input
clock frequency is 160 MHz and the frequency divider
is set to 16, an output CW frequency of 5 MHz can be
obtained with a phase delay step size of 6.25 ns, which
translates to an angular resolution of 11.25 degrees.
Package Type
2
CLKN
VLL
EN
CLKP
EP
1
3
4
6
7
8
9
37
5
10
GND
MD1730
6x6x0.9 mm 36-lead VQFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VDD
SCK
CSN
SDI
11
15
12 13 14
18
17
16
26
27
25
24
22
21
20
19
23
36 35
31
34 33 32
28
29
30
CW2
CW3
CW0
CW1
VGN
CW4
CW5
CW6
CW7
8-Channel Ultra-Low Phase Noise
Continuous Waveform Transmitter with Beamformer


Similar Part No. - MD1730-V/M2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
MD1711 SUTEX-MD1711 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711FG SUTEX-MD1711FG Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
MD1711FG SUTEX-MD1711FG Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
More results

Similar Description - MD1730-V/M2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-708 VECTRON-VC-708 Datasheet
279Kb / 7P
Ultra Low Phase Noise
logo
Crystek Corporation
CVHD-575 CRYSTEKCRYSTAL-CVHD-575 Datasheet
260Kb / 2P
Ultra-Low Phase Noise
logo
Supertex, Inc
CW01 SUTEX-CW01 Datasheet
1Mb / 8P
Four-Channel, Low Phase Noise, Low Power, Continuous Wave Transmitter
logo
M/A-COM Technology Solu...
MLPNC-7102 MA-COM-MLPNC-7102 Datasheet
637Kb / 5P
Ultra-Low Phase Noise
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
Ultra-Low Phase Noise
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
Ultra-Low Phase Noise Oscillator
CVHD-575 CRYSTEKMICROWAVE-CVHD-575_17 Datasheet
493Kb / 3P
Ultra-Low Phase Noise
CVHD-950 CRYSTEKMICROWAVE-CVHD-950_17 Datasheet
580Kb / 3P
Ultra-Low Phase Noise
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com