Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD1730-V/M2 Datasheet(PDF) 15 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MD1730-V/M2 Datasheet HTML 11Page - Microchip Technology MD1730-V/M2 Datasheet HTML 12Page - Microchip Technology MD1730-V/M2 Datasheet HTML 13Page - Microchip Technology MD1730-V/M2 Datasheet HTML 14Page - Microchip Technology MD1730-V/M2 Datasheet HTML 15Page - Microchip Technology MD1730-V/M2 Datasheet HTML 16Page - Microchip Technology MD1730-V/M2 Datasheet HTML 17Page - Microchip Technology MD1730-V/M2 Datasheet HTML 18Page - Microchip Technology MD1730-V/M2 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 15
MD1730
4.0
DEVICE DESCRIPTION
4.1
Operation Description
The MD1730 is an 8-channel ultra-low phase noise
monolithic CW transmitter. It consists of an SPI
interface to program internal phase delay registers and
frequency dividers to facilitate CW beamforming. It
supports differential LVDS/SSTL and single-ended
2.5V LVCMOS clock inputs. The MD1730's output path
is designed to provide ultra-low phase noise and can
swing up to ±6V. The following sections provide a
detailed overview of MD1730's feature set and
operation.
4.2
Using The Built-in Clock Buffers
The MD1730 has two built-in single ended clock output
buffers. The MD1730 can accept LVDS, SSTL25 and
LVCMOS 2.5V clock at its input and provide a
single-ended output buffered clock. The clock buffers
are independent of the chip's main EN pin and each
output clock buffer can be enabled or disabled
separately using the CBE0 or CBE1 pin. The maximum
clock frequency of the buffers is 250 MHz. The output
timing diagram for the clock buffers is shown in
Figure 4-5. As shown in the diagram CKB0 and CKB1,
clock outputs are only dependent on CBE0 and CBE1
respectively. This feature makes it convenient to drive
the TX pulser retiming clock input, such as the HV7321.
Using the built in clock buffers will save the cost of
additional buffers, reduce PCB area, simplify the
system clock distribution design and improve power
savings as well.
4.3
SPI Registers Description
REGISTER 4-1:
SPI CONTROL REGISTER DESCRIPTION
Data Bits
Description
W/R
The W/R is the read write control bit. When W/R = 1, the SPI writes the data provided at the
addressed register. When W/R = 0, the SPI reads the data stored from the appropriate register.
The read operation is disabled when SPIB = 1.
CWFD<7:0>
The CWFD<7:0> register stores the divisor value for setting the CW output frequency. The CW
output frequency is set by using the equation (fCW = fCLK/(2*CWFD)) except CWFD = 0. For
CWFD = 0 the CW output frequency is fCW = fCLK/2*512. The CW output frequency ranges from
(fCLK /512) ≤ fCW ≤ (fCLK /2). The register's initial value is 0.
PHDCH<7:0>
PHDCH<7:0> sets the phase delay for each individual channel. The equation for the output delay
time is PHD<7:0>/fCLK + 2/fCLK once TXRW goes high. The register initial value is 0. Refer to
Figure 4-4 for further details.
HIZCH
HIZCH bit enables the channel output when the corresponding bit is 0. The channel is disabled
and its’ output becomes high Z when the corresponding bit is 1. The default register value is 0.
Note:
CH denotes channel number 0 to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com