Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD1730-V/M2 Datasheet(PDF) 2 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 2 Page - Microchip Technology

  MD1730-V/M2 Datasheet HTML 1Page - Microchip Technology MD1730-V/M2 Datasheet HTML 2Page - Microchip Technology MD1730-V/M2 Datasheet HTML 3Page - Microchip Technology MD1730-V/M2 Datasheet HTML 4Page - Microchip Technology MD1730-V/M2 Datasheet HTML 5Page - Microchip Technology MD1730-V/M2 Datasheet HTML 6Page - Microchip Technology MD1730-V/M2 Datasheet HTML 7Page - Microchip Technology MD1730-V/M2 Datasheet HTML 8Page - Microchip Technology MD1730-V/M2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MD1730
DS20005586B-page 2
 2016 Microchip Technology Inc.
Block Diagram
0to +
VC W +
CW 0
VP F
VNF
+10V
V GP
EN
+2.5V
V LL
TX R W
SP IB
SDI
CS N
SC K
CLK N
CLK P
LV DS / SST L
Cloc k Input
SP I
&
Regis ters
GND
CW 1
MD1730
Thermal
Pad
-10V
SUB
VL L
CLK
C KB0
CW 7
VP F
VNF
0to -
VC W-
VC W +
VC W-
HIZ[7: 0]
CPF
VP F
VNF
CNF
SDO
Q MSB
D0
C KB1
C BE1
VL L
C BE0
+5V
V DD
V GN
CLK
PHD7~0[7:0] CW F D[7: 0]
PHD1[7:0]
CW F D[7: 0]
ENA
ENA
Q
CLK
CLK
Q
PHD7[7:0]
CW F D[7: 0]
ENA
ENA
Q
CLK
CLK
Q
8
64
CLK
SC K
VC W +
VC W-
1uF
1uF
2.2uF
2.2uF
1uF
1uF
1uF
1uF
PHD0[7:0]
CW F D[7: 0]
ENA
ENA
Q
CLK
CLK
Q
CW 2
CW 3
CW 4
CW 5
CW 6
6V
6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com