Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD1730-V/M2 Datasheet(PDF) 20 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MD1730-V/M2 Datasheet HTML 16Page - Microchip Technology MD1730-V/M2 Datasheet HTML 17Page - Microchip Technology MD1730-V/M2 Datasheet HTML 18Page - Microchip Technology MD1730-V/M2 Datasheet HTML 19Page - Microchip Technology MD1730-V/M2 Datasheet HTML 20Page - Microchip Technology MD1730-V/M2 Datasheet HTML 21Page - Microchip Technology MD1730-V/M2 Datasheet HTML 22Page - Microchip Technology MD1730-V/M2 Datasheet HTML 23Page - Microchip Technology MD1730-V/M2 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MD1730
DS20005586B-page 20
 2016 Microchip Technology Inc.
FIGURE 4-5:
Clock Buffers CKB0/1 Output Timing Diagram.
4.6
MD1730 Working with Two HV7321
The diagrams shown in Figure 4-6 and Figure 4-7
illustrate the MD1730 driving two HV7321s.
When the HV7321 is operated in the specific mode,
CW MODE = 1, along with the MD1730, the following
steps should be taken to ensure the combination
settings work correctly:
6.
Apply all power supply rails to both chips and set
HV7321’s OEN = REN = PWS = 1 along with
MD1730’s EN = 1 to enable both chips. Set all
other control logic pins to zero.
7.
Adjust the VCW+ and VCW- power supplies to
the required peak-to-peak voltage levels for CW
output transmission. Please note that a higher
peak-to-peak transmission voltage will result in
the MD1730 dissipating more power. The power
dissipation on the MD1730 is proportional to the
square of the peak-to-peak voltage.
8.
Assert HV7321’s MODE pin high.
9.
Program the MD1730 with the desired CW
frequency divider and delay settings for CW
transmission.
10. To place a channel in receive mode, set the
corresponding pins SEL, NEG, POS = 011b on
the HV7321. To place a channel to CW Transmit
mode, set the corresponding pins SEL, NEG,
POS to any other combination other than 011b
on HV7321. This will put that channel of the
HV7321 high voltage Tx output in High Z mode,
but turn the channel’s CWSW on.
In the case user wants a channel not in High Z or CW
Transmit mode, then similarly, to set the channel of
HV7321 to High Z and also set the MD1730’s
corresponding bit in the HIZ register to 1.
11. Once the system is ready to perform CW
Doppler measurement, assert TXRW high to
start the CW transmission on the selected
channels.
CKB0
tdrb
tdfb
CLKP
(fCLK)
CKB1
CBE0
CBE1
trb
trb
tcbe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com