Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD8M16DG-75/XT Datasheet(PDF) 19 Page - Micross Components

Part # AS4SD8M16DG-75/XT
Description  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16DG-75/XT Datasheet(HTML) 19 Page - Micross Components

Back Button AS4SD8M16DG-75/XT Datasheet HTML 15Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 16Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 17Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 18Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 19Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 20Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 21Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 22Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 23Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
19
CLOCK SUSPEND
The clock suspend mode occurs when a column access/
burst is in progress and CKE is registered LOW. In the clock
suspend mode, the internal clock is deactivated, “freezing” the
synchronous logic.
For each positive clock edge on which CKE is sampled
LOW, the next internal positive clock edge is suspended. Any
command or data present on the input pins at the time of a
suspected internal clock edge is ignored; any data present on
the DQ pins remains driven; and burst counters are not incre-
mented, as long as the clock is suspended. (See examples in
Figure 22 and 23).
Clock suspend more is exited by registering CKE HIGH;
the internal clock and related operation will resume on the
subsequent positive clock edge.
BURST READ/SINGLE WRITE
The burst read/single write mode is entered by program-
ming the write burst mode bit (M9) in the mode register to a
logic 1. In this mode, all WRITE commands result in the access
of a single column location (burst of one), regardless of the
programmed burst length. READ commands access columns
according to the programmed burst length and sequence, just
as in the normal mode of operation (M9 = 0).
FIGURE 22: Clock Suspend During WRITE Burst
FIGURE 23: Clock Suspend During READ Burst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com