Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD8M16DG-75/XT Datasheet(PDF) 3 Page - Micross Components

Part # AS4SD8M16DG-75/XT
Description  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16DG-75/XT Datasheet(HTML) 3 Page - Micross Components

  AS4SD8M16DG-75/XT Datasheet HTML 1Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 2Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 3Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 4Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 5Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 6Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 7Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 8Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
3
PIN NUMBER
SYMBOL
TYPE
DESCRIPTION
38
CLK
Input
Clock: CLK is driven by the system clock. All SDRAM input
signals are sampled on the positive edge of CLK. CLK also increments the
internal burst counter and controls the output registers.
37
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the
CLK signal. Deactivating the clock provides PRECHARGE POWER-DOWN
and SLEF REFRESH operation (all banks idle), ACTIVE POWER-DOWN
(row active in any bank) or CLOCK SUSPEND operation (burst/access in
progress). CKE is synchronous except after the device enters power-down
and self refresh modes, where CKE becomes asynchronous until after exiting
the same mode. The input buffers, including CLK, are disabled during power-
down and self refresh modes, providing low standby power. CKE may be tied
HIGH.
19
CS\
Input
Chip Select: CS\ enables (registered LOW) and disables
(registered HIGH) the command decoder. All commands are masked when
CS\ is registered HIGH. CS\ provides for external bank selection on systems
with multiple banks. CS\ in considered part of the command code.
16, 17, 18
WE\, CAS\,
RAS\
Input Command Inputs: WE\, CAS\ and RAS\ (along with CS\) define
the command being entered.
15, 39
DQML, DQMU
Input
Input/Output Mask: DQM is an input mask signal for write
accesses and an output enable signal for read accesses. Input data is
masked when DWM is sampled HIGH during a WRITE cycle. The outptu
buffers are placed in a High-Z state (two-clock latency) when DQM is
sampled HIGH during a READ cycle. DQML corresponds to DQ0-DQ7 and
DQMH corresponds to
DQ8-DQ15. DQML and DQMH are considered same state when referenced
as DQM.
20, 21
BA0, BA1
Input Bank Address Inputs: BA0 and BA1 define to which bank the
ACTIVE, READ, WRITE, or PRECHARGE command is being applied.
23-26, 29-34, 22, 35
A0 - A11
Input
Address Inputs: A0-A11 are sampled during the ACTIVE
command (row address A0-A11) and READ/WRITE command (column-
address A0-A8; with A10 defining auto precharge) to select one location out
of the memory array in the respective bank. A10 is sampled during a
PRECHARGE command to determine if all banks are to be prechaged (A10
[HIGH]) or bank selected by (A10 [LOW]). The address inputs also provide
the op-code during LOAD MODE REGISTER COMMAND.
2, 4, 5, 7, 8, 10, 11, 13, 42,
44, 45, 47, 48, 50, 51, 53
DQ0 - DQ15
I/O
Data Input/Output: Data bus
40, 36
NC
---
No Connect: This pin should be left unconnected.
3, 9, 43, 49
VDDQ
Supply DQ Power: Isolated DQ power to the die for improved noise
immunity.
6, 12, 46, 52
VSSQ
Supply DQ Ground: Isolated DQ ground to the die for imporved noise
immunity.
1, 14, 27
VDD
Supply Power Supply: +3.3V ±0.3V
28, 41, 54
VSS
Supply Ground
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com