Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD8M16DG-75/XT Datasheet(PDF) 22 Page - Micross Components

Part # AS4SD8M16DG-75/XT
Description  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16DG-75/XT Datasheet(HTML) 22 Page - Micross Components

Back Button AS4SD8M16DG-75/XT Datasheet HTML 18Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 19Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 20Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 21Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 22Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 23Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 24Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 25Page - Micross Components AS4SD8M16DG-75/XT Datasheet HTML 26Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
22
TRUTH TABLE 2: CKE1,2,3,4
CKEn-1 CKEn
CURRENT STATE
COMMANDn
ACTIONn
NOTES
Power-Down
X
Maintain Power-Down
Self Refresh
X
Maintain Self Refresh
Clock Suspend
X
Maintain Clock Suspend
Power-Down
COMMAND INHIBIT or NOP Exit Power-Down
5
Self Refresh
COMMAND INHIBIT or NOP Exit Self Refresh
6
Clock Suspend
X
Exit Clock Suspend
7
All Banks Idle
COMMAND INHIBIT or NOP Power-Down Entry
All Banks Idle
AUTO REFRESH
Self Refresh Entry
Reading or Writing
VALID
Clock Suspend Entry
H
H
See Truth Table 3
L
L
H
H
L
L
NOTES:
1. CKE
n is the logic state of CKE at clock edge n; CKEn-1 was the state of CKE at the previous clock edge.
2. Current state is the state of the SDRAM immediately prior to clock edge n.
3. COMMAND
n is the command registered at clock edge n, and ACTIONn is a result of COMMANDn.
4. All states and sequences not shown are illegal or reserved.
5. Exiting power-down at clock edge n will put the device in the all banks idle state in time for clock edge n+1 (provided
that t
CKS is met).
6. Exiting self refresh at clock edge n will put the device in the all banks idle state once t
XSR is met. COMMAND INHIBIT or
NOP commands should be issued on any clock edges occurring during the t
XSR period. A minimum of two NOP commands
must be provided during t
XSR period.
7. After exiting clock suspend at clock edge n, the device will resume operation and recognize the next command at clock
edge n+1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com