Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX83100 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX83100
Description  MLX83100 Automotive 2-Phase DC Pre-Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83100 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX83100 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
MLX83100 Automotive 2-Phase DC Pre-Driver
Datasheet
Page 6 of 41
REVISION 5.1 –DECEMBER 13, 2016
7.2. Pin Definition
Pin #
Name
Description
1
FETT2
High-side FET2 PWM control input (active high)
2
FETT3
High-side FET3 PWM control input (active high)
3
VDD
Digital supply for IO’s and current sense amplifier
4
VREF
Current sense amplifier reference input
5
IBM
Current sense amplifier negative input
6
IBP
Current sense amplifier positive input
7
ISENSE
Current sense amplifier output
8
MISO
MISO output for SPI
9
FETB2
Low-side FET2 PWM control input (active low)
CLK input for SPI
10
FETB3
Low-side FET3 PWM control input (active low)
MOSI input for SPI
11
ICOM
Bidirectional, serial diagnostics interface
CSB input for SPI
12
EN
Enable input for gate driver outputs (active high)
13
PHASE2
Motor phase 2
14
GATET2
High-side FET2 gate driver output
15
CP2
High-side FET2 bootstrap capacitor
16
PHASE3
Motor phase 3
17
GATET3
High-side FET3 gate driver output
18
CP3
High-side FET3 bootstrap capacitor
19
VBOOST
Charge pump boosted supply output
20
VREG
Driver supply output for bootstrap capacitors
21
GATEB2
Low-side FET2 gate driver output
22
GATEB3
Low-side FET3 gate driver output
23
DGND
Driver ground
24
CP
Charge pump floating capacitor
25
VSUP
Power supply input (Battery input)
26
VBATF
Battery voltage connection for VDS-monitoring
27
n.c.
Not connected
28
AGND
Analog ground
29
PAD
Exposed pad
Table 7-1 Pin definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com