| Electronic Components Datasheet Search |
|
MLX83100 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX83100 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems |
|
21 / 41 page ![]() MLX83100 Automotive 2-Phase DC Pre-Driver Datasheet Page 21 of 41 REVISION 5.1 –DECEMBER 13, 2016 Pin Name State in sleep mode CP The charge pump is disabled. VBOOST Since the charge pump is disabled VBOOST is pulled to the supply voltage via the external charge pump diodes. GATEBx In sleep mode, gate-discharge resistors (RSGD) between GATEBx and DGND are activated, ensuring all low-side gate drivers are switched off GATETx In sleep mode, gate-discharge resistors (RSGD) between GATETx and PHASEx are activated, ensuring all high-side gate drivers are switched off PHASEx Phases are kept low with GATETx through the internal body diode of the pre-driver VREG Voltage regulator is disabled CPx Any charge that remains after VREG is disabled will leak to ground ISENSE Current sense amplifier is supplied from VDD, and thus not active FETBx, FETTx EN, ICOM, MISO All IO’s are supplied from VDD, and thus not active Table 12-2 Drivers in Sleep Mode Notes: 1. In case any of the digital input pins are externally pulled high while VDD is low, current will flow into VDD via internal ESD protection diodes. This condition is not allowed. 2. When VDD is pulled low, also ICOM will go low. This should not be interpreted as a diagnostic interrupt. Figure 13-1-5 Drivers in Sleep Mode CPx GATETx PHASEx VREG GATEBx RSGD RSGD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |