Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX83100 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX83100
Description  MLX83100 Automotive 2-Phase DC Pre-Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83100 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX83100 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
MLX83100 Automotive 2-Phase DC Pre-Driver
Datasheet
Page 8 of 41
REVISION 5.1 –DECEMBER 13, 2016
10. General Electrical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply VSUP
No.1 Supply voltage range
VSUP
Functional
7
-
18
V
No.2 Supply voltage
extended range low
VSUP_ERL
Functional w. decreased
gate drive voltage
4.5
-
7
V
No.3 Supply voltage
extended range high
VSUP_ERH
18
-
28
V
No.4 Quiescent current from VSUP
ISUP_SLEEP
VDD = Low
-
-
30
µA
No.5 Operating current from VSUP
ISUP_INT
Pre-driver operation
25kHz PWM, no load
-
-
5
mA
No.6 Supply over voltage high
VSUP_OVH
Warning on ICOM
-
-
35
V
No.7 Supply over voltage low
VSUP_OVL
ICOM released
30
-
-
V
No.8
Supply over voltage
hysteresis
VSUP_OVHY
0.4
-
1
V
No.9 Supply over voltage
debounce time
VSUP_OV_DEB
-
-
2
µs
No.10 Supply under voltage high
VSUP_UVH
ICOM released
-
-
6
V
No.11 Supply under voltage low
VSUP_UVL
Warning on ICOM
5
-
-
V
No.12
Supply under voltage
hysteresis
VSUP_UVHY
0.2
-
0.5
V
No.13
Supply under voltage
debounce time
VSUP_UV_DEB
-
-
10
µs
No.14 Power on reset level
VPOR
Reset released on rising
edge VSUP when VDD=high
2.6
-
4.5
V
VVBATF
No.15 Leakage from VBATF to GND
RVBATF_LEAK Pre-driver not in sleep
-
-
30
µA
Temperature Warning
No.16 Over temperature high
OVTH
Warning on ICOM
-
185
-
C
No.17 Over temperature low
OVTL
ICOM released
-
168
-
C
On-Chip Oscillator
No.18 Oscillator frequency
fOSC
Internal Oscillator
6.8
8
9.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com