Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX83100 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX83100
Description  MLX83100 Automotive 2-Phase DC Pre-Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83100 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX83100 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
MLX83100 Automotive 2-Phase DC Pre-Driver
Datasheet
Page 7 of 41
REVISION 5.1 –DECEMBER 13, 2016
8. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Power supply voltage
VVSUP, VBATF
-0.3
-
45
V
t < 500ms (during load dump)
Power supply voltage
VVSUP, VBATF
-0.3
-
28
V
Permanent (functional)
Negative input current
IVSUP
-15
-
-
mA
Negative input current
IVBATF
-10
-
-
mA
Defines with max. reverse
polarity voltage the RVBATF
Digital supply voltage
VVDD
-0.3
-
5.5
V
Analog input voltage
VVREF, VIBM,VIBP -0.3
-
VDD+0.3
V
Analog output voltage
VISENSE
-0.3
-
VDD+0.3
V
Digital input voltage
VFETBx, VFETTx,
VEN
-0.3
-
VDD+0.3
V
Digital input current
-10
-
10
mA
Digital output voltage
VICOM
-0.3
-
VDD+0.3
V
Output voltage
VGATEBx, VREG
-0.3
-
17
V
Output voltage
VGATETx
-0.3
-
VREG+35
V
Input voltage on CPx pins
VCPx
-0.3
-
VREG+35
V
Input voltage on PHASEx pins VPHASEx
-0.7
-
45
V
Maximum latch-up free
current at any pin
ILATCH
-100
-
100
mA
According to JEDEC JESD78,
AEC-Q100-004
ESD capability
ESD
-2
-
+2
kV
Human Body Model
Storage temperature
Tstg
-55
-
150
˚C
Junction temperature
TJ
-40
-
175
˚C
Thermal resistance SOIC-16
Rth-JA
-
37
-
K/W
In free air on multilayer PCB
(JEDEC 1s2p)
Thermal resistance SOIC-16
Rth-JC
-
10
-
K/W
Referring center of exposed pad
Table 8-1 Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum-
rated conditions for extended periods may affect device reliability.
9. Operating Range
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Power supply voltage range
VVSUP
4.5
-
28
V
Full functionality
Digital supply voltage range
VVDD
3
-
5.5
V
CP discharged, power FETs off
Ambient temperature
TA
-40
-
150
˚C
Junction temperature
TJ
-40
-
175
˚C
Table 9-1 Operating range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com