Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE20-3/12-1D-S-T-L2-R Datasheet(PDF) 6 Page - Hongfa Technology

Part # HFE20-3/12-1D-S-T-L2-R
Description  16A switching capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE20-3/12-1D-S-T-L2-R Datasheet(HTML) 6 Page - Hongfa Technology

  HFE20-3/12-1D-S-T-L2-R Datasheet HTML 1Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 2Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 3Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 4Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 5Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 6Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
:?
0Einnig pc_q1
4:;;5~K^VTYSZ ^]ZS_Yad
HMLEDG@ ?DF@GKDHGK =G? ODJDGB ?D=BJ=F
Xclcha Gc[al[g
S_p_lm_ jif[lcns
Tchaf_ ]icf f[n]bcha3 8 Iilg D Gio\f_ ]icfm f[n]bcha3 8 Iilg D
Tchaf_ ]icf f[n]bcha3 8 Iilg F Gio\f_ ]icfm f[n]bcha3 8 Iilg F
Tchaf_ ]icf f[n]bcha3 8 Iilg E Gio\f_ ]icfm f[n]bcha3 8 Iilg E
Gio\f_ ]icfm f[n]bcha
Tchaf_ ]icf f[n]bcha3 8 Iilg E Gio\f_ ]icfm f[n]bcha3 8 Iilg E
VhcnA gg
;
:
;
:
;
:
;
:
8.}/9.0/ 8.0/9.1/
8.0/<.1/ <.}/9.0/
;
;
;
;
:
:
:
:
=
=
=
=
8.}/9.0/ 8.0/9.1/
8.0/<.1/ <.}/9.0/
;
:
;
:
;
:
;
:
8.}/9.0/
8.0/9.1/
8.0/<.1/
<.}/9.0/
8.1/<.0/
9.}/<.0/
;
;
:
:
=
=
8.}/9.0/
;
:
;
:
;
:
;
:
8.0/9.}/
8.}/<.0/
<.0/9.1/
m_n
l_m_n
m_n
l_m_n
m_n
l_m_n
m_n
l_m_n
m_n
l_m_n
m_n
l_m_n
m_n
l_m_n
m_n
l_m_n
m_n
l_m_n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com