Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE20-3/12-1D-S-T-L2-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE20-3/12-1D-S-T-L2-R
Description  16A switching capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE20-3/12-1D-S-T-L2-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE20-3/12-1D-S-T-L2-R Datasheet HTML 1Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 2Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 3Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 4Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 5Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 6Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L< DaThP9
?< X2DaThP90Phfs `ilKIH97486ff 48K3 VM ]_lnc`c][ncih ihfs1
1
8?< 8 Iilg E 8C< 8 Iilg D
8R< 8 Iilg F 0Phfs `il KIH97483 KIH97491
K^VTYSZ T]UV:1
HJ?@JDGB DGAHJF=LDHG
Ld^V
>]YZ c]ZaSXV
:3 <3 =3 @3893 9; WGF
>]\aSTa W]_[
>]\aSTa [SaV_YSZ
>]\`a_bTaY]\
K]_a
E8< Tchaf_ ]icf f[n]bcha
E9< Gio\f_ ]icfm f[n]bcha
J< S_p_lm_ jif[lcns
GYZ< Qimcncp_ jif[lcns
I]ZS_Yad
KIH97
689
T
0YYY1
48G
4M9 4S
U
4:
8< <gg jch
9< :5<gg jch
:< 95<gg jch
NV_`Y]\
K< Qf[mnc] m_[f_^ GYZ< Ifor jlii`_^
>HDE ?=L=
Ficf S_mcmn[h]_
r08 87-1
:
<
=
@
89
9;
Gio\f_ ]icfm f[n]bcha
8<28<
;92;9
=72=7
8:<28:<
9;729;7
??=2??=
95;
;57
;5?
>59
@5=
8@59
[n 9:
Oigch[f Wifn[a_
WGF
T_n 6 S_m_nWifn[a_
WGF g[r5
Qofm_ Gol[ncih
gm gch5
<7
<7
<7
<7
<7
<7
PPP< Fomnig_l mj_]c[f l_kocl_g_hn
GYZ< Tn[h^[l^
:;
81
91
G]aV`< 81 8K g_[hm nb[n l_f[s cm ih nb_ ,l_m_n, mn[nom qb_h ^_fcp_lsB 8G g_[hm nb[n l_f[s cm ih nb_ ,m_n, mn[nom qb_h ^_fcp_ls5 q_ qcff l_]igg_h^
om_ ih_ `ilg E c` ]omnig_l ][h om_ hilg[ffs 0_r]_jn nb_ jl_4g[e_ p_lmcih KIH97486ff48KfG15
91 L` q[n_l ]f_[hcha cm l_kocl_^ [`n_l nb_ l_f[s cm [mm_g\f_^ ih QFE3 jf_[m_ ]ihn[]n om `il moaa_mncih [\ion mocn[\f_ j[lnm5
:1 Ub_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Kiha`[5 _5a5 0:<@1 mn[h^m `il f[gj fi[^* _5a5 0:@@1 mn[h^m
`ilmj_]c[f jif[lcns0T__ Xclcha Gc[al[g15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com